Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSLD01G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UPSLD01G-SH2-R
Description  HIGH POWER FACTOR LINEAR CONSTANT CURRENT LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSLD01G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UPSLD01G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UPSLD01G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UPSLD01G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UPSLD01G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UPSLD01G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UPSLD01
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R125-036.b
TYPICAL APPLICATION CIRCUIT
OUT4
GND
NC
REXT
5
6
7
8
4
3
2
1
NC
OUT3
OUT2
OUT1
UTC UPSLD01
Vac
VIN
30R
38×2
24×2
11×2
10×2
Figure 1. UTC UPSLD01 Typical Application Circuit
LED1
LEDn
Group 1
LED(n+1)
Group 2
LEDm LED(m+1) LEDp
Group 3
LED(p+1) LEDq
Group 4
LED1
LEDn
Group 1
LED(n+1)
Group 2
LEDm LED(m+1) LEDp
Group 3
LED(p+1) LEDq
Group 4
DB1
MB6S
90Vac~265Va
F1
1A/250V
VIN
Figure 2. UTC UPSLD01 Parallel Application Circuit
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com