Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842AP-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3842AP-S08-R
Description  CURRENT MODE PWM CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842AP-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3842AP-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3842AP-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-002.H
CURRENT MODE PWM
CONTROL CIRCUITS
DESCRIPTION
The UTC UC3842A/3843A provide the necessary functions to
implement off-line or DC to DC fixed frequency current mode ,
controlled switching circuits with minimal external components.
FEATURES
*Low Start Up Current ( Typical 0.12mA )
*Automatic Feed Forward Compensation
*Pulse-by-Pulse Current Limiting
*Under-voltage Lockout with Hysteresis
*Double Pulse Suppression
*High Current Totem Pole Output to Drive MOSFET Directly
*Internally Trimmed Band Gap Reference
*500kHz Operation
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3842AL-D08-T
UC3842AP-D08-T
DIP-8
Tube
-
UC3842AP-S08-R
SOP-8
Tape Reel
UC3843AL-D08-T
UC3843AP-D08-T
DIP-8
Tube
-
UC3843AP-S08-R
SOP-8
Tape Reel
MARKING
Package
UC3842A
UC3843A
DIP-8
UTC
UC3843A
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
P: Halogen Free
Lot Code
SOP-8


Similar Part No. - UC3842AP-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3842AP-S08-R UTC-UC3842AP-S08-R Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
UC3842AP-S08-R UTC-UC3842AP-S08-R Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
UC3842AP-S08-R UTC-UC3842AP-S08-R Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - UC3842AP-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com