Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6503CMP030 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6503CMP030
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6503CMP030 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6503CMP030 Datasheet HTML 1Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 2Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 3Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 4Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 5Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 6Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 7Page - Maxim Integrated Products MAX6503CMP030 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, RPULL-UP = 100k
Ω (MAX6501/MAX6503 only), TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: The MAX6501–MAX6504 are available with internal, factory-programmed temperature trip thresholds from -45°C to +115°C
in +10°C increments (see Selector Guide).
Note 3: Guaranteed by design.
Supply Voltage (VCC) ...............................................-0.3V to +7V
TOVER (MAX6501) ...................................................-0.3V to +7V
TOVER (MAX6502) .....................................-0.3V to (VCC + 0.3V)
TUNDER (MAX6503) ................................................-0.3V to +7V
TUNDER (MAX6504) ..................................-0.3V to (VCC + 0.3V)
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) .........571mW
Operating Temperature Range .........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
-45°C to -25°C
VCC = 2.7V, VTUNDER = 5.5V (MAX6503),
VTOVER = 5.5V (MAX6501)
-15°C to +15°C
HYST = GND
ISOURCE = 500µA, VCC > 2.7V
(MAX6502/MAX6504 only)
ISINK = 1.2mA, VCC > 2.7V
CONDITIONS
-6
±0.5
6
µA
30
85
ICC
V
2.7
5.5
VCC
Supply Voltage Range
Supply Current
nA
10
Open-Drain Output Leakage
Current
-4
±0.5
4
2
THYST
Temperature Threshold
Hysteresis
V
0.8 x VCC
0.3
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
+35°C to +65°C
+75°C to +115°C
-4
±0.5
4
°C
-6
±0.5
6
∆TTH
Temperature Threshold
Accuracy (Note 2)
V
0.2 x VCC
VIL
HYST Input Threshold
(Note 3)
0.8 x VCC
VIH
ISINK = 3.2mA, VCC > 4.5V
V
0.4
VOL
Output Voltage Low
HYST = VCC
10
°C
ISOURCE = 800µA, VCC > 4.5V
(MAX6502/MAX6504 only)
VCC - 1.5
VOH
Output Voltage High



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com