Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88NXXL-AD4-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 88NXXL-AD4-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88NXXL-AD4-R Datasheet(HTML) 7 Page - Unisonic Technologies

  88NXXL-AD4-R Datasheet HTML 1Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 2Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 3Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 4Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 5Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 6Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 7Page - Unisonic Technologies 88NXXL-AD4-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
88NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-368.G
ELECTRICAL CHARACTERISTICS(Cont.) (TA=25°C unless otherwise specified)
Detection Voltage: 3.3V
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detection Voltage (Note 1)
-VDET
1
-VDET(S)
×0.98
-VDET(S)
-VDET(S)
×1.02
V
Hysteresis Width
VHYS
1
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V
Current Consumption
ISS
2
VDD=4.5V
5
μA
Operating Voltage
VDD
1
0.95
10.0
V
Output Current
IOUT
3
Output transistor
Nch, VDS=0.5V, VDD=2.4V
2.88
4.98
mA
Leakage Current
ILEAK
3
Output transistor
Nch, VDS=10V, VDD=10V
0.1
μA
Detection Voltage Temperature
Coefficient (Note 2)
DET
DET
V
-
×
Ta
∆
V
-
∆
1
TA=-40°C ~ +85°C
±100
±350 ppm/°C
Delay Time
tD
4
VDD=4.5V, CD=4.7 nF
12
34
ms
Note: 1.
-VDET: Actual detection voltage
-VDET(S): Specified detection voltage
2. The temperature change ratio in the detection voltage [mV/°C] is calculated by using the following equation:
(1)
( 2 )
( 3 )
DET
DET
DET
AA
DET
-V
-V
[m V/ C]
-V
(Typ.)[V ]
[ppm / C]
1000
TT
-V



(1) Temperature change ratio of the detection voltage
(2) Specified detection voltage
(3) Detection voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com