Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3510G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3510G-S08-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  3510G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 7Page - Unisonic Technologies 3510G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3510
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-048.E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
PSON CONTROL
High-level
VIH
2.4
V
Input Voltage
Low-level
VIL
1.2
V
Input Pullup Current
IIN
PSON = 0 V
120
μA
Debounce Time (PSON)
tB
VDD = 5 V
24
38
57
ms
Transient Delay Time (PSON to FPO)
tDLY2
VDD = 5 V
tB+1.1 tB+2.3 tB+4
ms
TOTAL DEVICE
Supply Current
IDD
PSON =5V
1
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com