Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6740XKL Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX6740XKL
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6740XKL Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX6740XKL Datasheet HTML 8Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 9Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 10Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 11Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 12Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 13Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 14Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 15Page - Maxim Integrated Products MAX6740XKL Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
______________________________________________________________________________________
15
Pin Configurations
TOP VIEW
GND
RSTIN
MR
15
VCC1
RESET
MAX6738
MAX6739
SC70
2
34
GND
VCC2
RSTIN
15
VCC1
RESET
MAX6740
MAX6743
SC70
2
34
GND
VCC2
MR
15
VCC1
RESET
MAX6736
MAX6737
SC70
2
34
GND
VCC2
POK1
15
VCC1
RESET
MAX6741
MAX6744
SC70
2
34
GND
PFI
PFO
15
VCC1
RESET
MAX6742
MAX6745
SC70
2
34
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX6738XK_D_-T
-40°C to +85°C
5 SC70-5
MAX6739XK_D_-T
-40°C to +85°C
5 SC70-5
MAX6740XK_ _D_-T
-40°C to +85°C
5 SC70-5
MAX6741XK_ _D_-T
-40°C to +85°C
5 SC70-5
MAX6742XK_D_-T
-40°C to +85°C
5 SC70-5
MAX6743XK_ _D_-T
-40°C to +85°C
5 SC70-5
MAX6744XK_ _D_-T
-40°C to +85°C
5 SC70-5
MAX6745XK_D_-T
-40°C to +85°C
5 SC70-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com