Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US301G-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US301G-AE2-R
Description  0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US301G-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US301G-AE2-R Datasheet HTML 1Page - Unisonic Technologies US301G-AE2-R Datasheet HTML 2Page - Unisonic Technologies US301G-AE2-R Datasheet HTML 3Page - Unisonic Technologies US301G-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US301
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R103-099.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Relative to GND
VIN
6.5
V
Output Voltage Relative to GND
VOUT
VIN+0.3
V
Maximum Continuous Load Current
ILOAD
Internal Limited
A
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range (Note 4)
TSTG
-65~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. UL Recognized Rating from -30°C~70°C (Diodes qualified TST from -65°C~150°C)
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage relative to GND
VIN
2.7
5.2
V
Output Current
IOUT
0
0.2
A
Operating Ambient Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C, VIN=+5.0V, unless otherwise stated)
PARAMETER
SYMBOL TEST CONDITIONS (Note 1) MIN
TYP
MAX
UNIT
Input UVLO
VUVLO
VIN rising
2.35
2.90
V
Input Quiescent Current
IQ
Above UVLO, IOUT=0
85
125
µA
Reverse Leakage Current
IREV
VIN=0V, VOUT=5V, IREV at VIN
0.01
0.10
µA
Switch On-Resistance
RDS(ON)
VIN=5V, IOUT=0.2A
100
250
350
mΩ
Over-Load Current Limit
ILIMIT
VIN=5V, VOUT=4V
0.2
0.4
0.5
A
Short-Circuit Current
IOS
OUT shorted to ground
0.2
0.4
0.5
A
Reverse-Current Trigger Point
IROCP
VIN=5.0V, VOUT=5.2V
0.20
0.25
A
Deglitch Time from Reverse Current Trigger
to MOSFET Turn Off
TTRIG
(Note 2)
0.5
0.7
1.0
ms
Output Over-Voltage Trip Point
VOVP
(Note 3)
5.2
5.6
V
Debounce Time From Output Over-Voltage
to MOSFET Turn Off
TOVP
15
µs
Recovery After Turn-Off from ROCP and
OVP
VREC
101%
VIN
Output turn-on time (Note 4)
TON
CL=0.1µF, RLOAD=20Ω
(UVLO to 90% VOUT-NOM)
0.7
ms
Thermal Shutdown Threshold
TSHDN
VIN=2.7V~5.2V
150
°C
Thermal Shutdown Hysteresis
THYS
20
°C
Thermal Resistance Junction-to-Ambient
(Note 5)
θJA
215
°C/W
Notes: 1. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must
be taken into account separately.
2. When reverse current triggers at IROCP=0.20A, the reverse current is continuously clamped at IROCP for
0.7ms deglitch time until MOSFET is turned off.
3. During output over-voltage protection, the output draws approximately 60µA current.
4. Since the output turn-on slew rate is dependent on input supply slew rate, this limit is only applicable for
input supply slew rate between VIN/0.2ms to VIN/1ms.
5. Device mounted on FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com