Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1651G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US1651G-S08-R
Description  PRIMARY-SIDE REGULATION PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1651G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US1651G-S08-R Datasheet HTML 1Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 2Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 3Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 4Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 5Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 6Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
US1651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R129-005.a
OPERATION DESCRIPTION (Cont.)
Constant Current Operation
When INV lower than 1.25V, the system works in CC control, In CC operation, the CC point and maximum output
power can be externally adjusted by external current sense resistor Rcs. The larger Rcs, the saller CC point is, and
the smaller output power becomes, and vice versa as shown in Fig.2.
VO
IO
Fig 2. Adjustable output power by changing RS
Large RS
Small RS
In charger applications, a discharged battery charging starts in the CC portion of the curve until it is nearly full
charged and smoothly switches to operate in CV portion of the curve.
In an AC/DC adapter, the normal operation occurs only on the CV portion of the curve. The CC portion provides
added cycle-by-cycle current limiting protection.
Extended Burst Mode Operation
At light load or zero load condition, most of the power dissipation in a switching mode power supply is from
switching loss, the core loss of the transformer and the loss on the snubber circuit. The magnitude of power loss is in
proportion to the switching frequency. Lower switching frequency leads to the reduction on the power loss and thus
conserves the energy.
The UTC US1651 self adjusts the switching frequency according to the loading condition. The switch frequency is
reduced at light/no load condition to improve the conversion efficiency. At light load/no load condition, the output of
the Error amplifier (EA) drops below the burst mode threshold level and device enters Burst Mode control. The
frequency control also eliminates the audio noise at any loading conditions.
Operation switching frequency
The switching frequency of UTC US1651 is internally set and adjusted according to CC/CV operation. No
external frequency setting components are required.
Frequency shuffling for EMI improvement
The frequency Shuffling/jittering (switching frequency modulation) is implemented in UTC US1651. The
oscillation frequency is modulated with a pseudo random source so that the tone energy is spread out. The spread
spectrum minimizes the conduction band EMI and therefore eases the system design.
Current Sensing and Leading Edge Blanking
Cycle-by-cycle current limiting is offered in UTC US1651. The switch current is detected by a sense resistor into
the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 500ns leading-edge
blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer
needed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com