Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2005 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US2005
Description  FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2005 Datasheet(HTML) 2 Page - Unisonic Technologies

  US2005 Datasheet HTML 1Page - Unisonic Technologies US2005 Datasheet HTML 2Page - Unisonic Technologies US2005 Datasheet HTML 3Page - Unisonic Technologies US2005 Datasheet HTML 4Page - Unisonic Technologies US2005 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US2005
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-A04.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
IN
Supply input. This pin provides power to both the output switch and the UTC US2005’s
internal control circuitry.
2
GND
Ground.
3
EN
Switch Enable (Input): Active-high (-1) or active-low (-2)
4
FLG
Fault status. A logic LOW on this pin indicates the UTC US2005 is in current limiting, or
has been shut down by the thermal protection circuit. This is an ‘Open Drain’ output
allowing logical OR’ ing of multiple UTC US2005s.
5
CSLEW
Slew rate control. Adding a small value capacitor between this pin and VIN slows
turn-ON of the power FET.
6
OUT
Switch output. The load being driven by UTC US2005 is connected to this pin.
BLOCK DIAGRAM
CSLEW
EN
Slew Rate
Control
Bias
Thermal
Protection
Oscillator
Charge
Pump
UVLO
Gate
Control
Current
Limiting
Output
Voltage
Detection
Delay
IN
OUT
FLG
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com