Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2026A-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # US2026A-S08-R
Description  DUAL-CHANNEL USB POWER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2026A-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button US2026A-S08-R Datasheet HTML 3Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 4Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 5Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 6Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 7Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 8Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 9Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 10Page - Unisonic Technologies US2026A-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
US2026A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-086.B
FUNCTIONAL DESCRIPTION
The UTC US2026A is dual P-Channel switches with active-low and active-high enable inputs, respectively. Fault
conditions (such as UVLO, thermal shutdown and over-current) that appear will turn off the power switch, and the
FLAG pin will go low. Of course, the two internal FLAG circuits also operate respectively.
Input and Output
IN (Input) is the power supply connection to the control circuitry and the source of the output MOSFET. OUTX
(Output) is the connection to the drain of the output MOSFET. In a typical application circuit, current flows through
the switch from IN to OUTX towards the load. If VOUT is greater than VIN when the switch is enabled, current will flow
from OUTX to IN since the MOSFET is bi-directional.
Power ON and OFF
The UTC US2026A performs a soft-start operation on power application, which is to prevent an over-current or
inrush-current from flowing through the switch from IN to OUTX towards to the load, while the high-capacity
capacitor is connected to the OUTX.
Thermal Shutdown
The UTC US2026A is internally protected against excessive power dissipation by thermal shutdown protection
circuit. If device junction temperature rise above approximately 145 , both switches are turned off,
both fault FLAG
outputs are activated, and they goes low. Hysteresis ensures that both switches turned off by thermal shutdown will
not be turned on again until the die temperature is reduced to 135 . When the thermal shutdown circuit is activated,
the output pins are in the OFF status. However, the UTC US2026A enters the standby status when EN pins are all
inactive.
Current Limit
The current limit circuit is designed to protect the output MOSFET, the load and the IC supply from damage
caused by excessive currents. The current limit threshold is preset internally, If an over-current is detected, the IC
performs a slow-start operation again, it is assumed that output is short circuit, and FLAG pin will go low, FLAG
output is available to indicate fault conditions independently to the USB controller.
Under-Voltage Lockout
UVLO prevents the output MOSFET switch from turning on until input voltage exceeds 2.3V (typical). If input
voltage drops below 2.2V (typical), UVLO shuts off the both output MOSFET switches and signals the FLAG.
Fault FLAG
The fault FLAG is an output with open-drain of N-channel. The fault FLAG is pulled down when any of the
conditions such as under-voltage, current limit and thermal shutdown. In a typical application circuit, the FALG pin
has a pull-up resistor of 10kΩ to input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com