Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2075C-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US2075C-S08-R
Description  DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2075C-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US2075C-S08-R Datasheet HTML 1Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 2Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 3Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 4Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 5Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 6Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 7Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 8Page - Unisonic Technologies US2075C-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
US2075C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-255,b
PIN CONFIGURATION
UTC US2075C
CTL1
CTL2
GND
FLAG2
FLAG1
OUT2
OUT1
IN
1
2
3
4
8
7
6
5
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
CTL1
Switch1Control Input: Logic-compatible, active-high. TTL input
2
FLAG1
Fault Detection Flag 1 (OUTPUT): Active-low. N-ch open-drain. Indicates over-current,
thermal shutdown, or UVLO conditions
3
FLAG2
Fault Detection Flag 2 (OUTPUT): Active-low. N-ch open-drain. Indicates over-current,
thermal shutdown, or UVLO conditions
4
CTL2
Switch2 Control Input: Logic-compatible, active-high. TTL input
5
OUT2
Switch2 Output: Drain of MOSFET for output. Usually, connected to Load
6
GND
Ground
7
IN
Power Input: Source of MOSFET for output. Power supply to Internal circuit
8
OUT1
Switch1 Output: Drain of MOSFET for output. Usually, connected to Load
TRUTH TABLE (H: High, L: Low, ON: Turn on, OFF: Turn off, X: H or L)
CTL1
(IN)
FLAG1
(OUT)
OUT1
(OUT)
CTL2
(IN)
FLAG2
(OUT)
OUT2
(OUT)
Operation Mode
H
H
ON
H
H
ON
Normal Operation
H
H
ON
L
H
OFF
Only OUT1 is ON.
L
H
OFF
H
H
ON
Only OUT2 is ON.
L
H
OFF
L
H
OFF
Standby Mode
H
L
ON
H
H
ON
Over current Detection Only for OUT1
H
H
ON
H
L
ON
Over current Detection Only for OUT2
X
L
OFF
X
L
OFF
Thermal Shutdown Circuit Operation
X
L
OFF
X
L
OFF
Under voltage Lockout Circuit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com