Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2076XG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US2076XG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2076XG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US2076XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2076XG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US2076
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-446.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Output Current
IOUT
Internally Limited
Fault Flag Current
IFLG
50
mA
Fault Flag Voltage
VFLG
+6.0
V
Supply Voltage
VIN
+6.0
V
Output Voltage
VOUT
+6.0
V
Control Input
VEN
-0.3 ~ 6
V
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+3 ~ +5.5
V
Ambient Operating Temperature
TOPR
-40 ~ +85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°C/W
ELECTRICAL CHARACTERISTICS (VIN=+5V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
IS(OFF)
switch off, OUT = open
25
μA
Supply Current (Note)
IS(ON)
switch on, OUT = open
110
μA
VIH
low to high transition
2.4
2.5
V
Enable Input Threshold
VIL
high to low transition
1.0
2.2
V
VEN = VOH(min) = 2.4V
0.01
1
μA
Enable Input Current
IEN
VEN = VOL(max) = 0.8V
0.01
1
μA
Enable Input Capacitance
1
pF
VIN = 5V
100
mΩ
Switch Resistance
RON
VIN = 3V
140
mΩ
Output Turn-On Delay
tON(DLY) RL = 10Ω each output
1
ms
Output Turn-On Rise Time
tRISE
RL = 10Ω each output
0.5
ms
Output Turn-Off Delay
tOFF(DLY) RL = 10Ω each output
1
20
μs
Output Turn-Off Fall Time
tFALL
RL = 10Ω each output
1
20
μs
Output Leakage Current
IO(LEAK) each output
10
μA
Short Circuit Current Limit
ISHORT
each output
0.5
0.75
1.25
A
TJ increasing
135
°C
Overtemperature Shutdown
Threshold
OTThreshold
TJ decreasing
125
°C
VIN = 5V, IL=10mA
10
Ω
Error Flag Output Resistance
VIN = 3.3V, IL =10mA
15
Ω
Error Flag Off Current
VFLAG = 5V
0.01
1
μA
VIN = increasing
2.5
V
UVLO Threshold
VUVLO
VIN = decreasing
2.3
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com