Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2076BG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US2076BG-S08-R
Description  DUAL USB HIGH-SIDE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2076BG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US2076BG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
US2076B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-447.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 4
EN(A/B)
Enable (Input): Logic-compatible enable input.
Active – High; Do Not Float.
2, 3
FLG(A/B)
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent, UVLO, and
thermal shutdown.
6
GND
Ground: Supply return.
7
IN
Supply Input: Output MOSFET source. Also supplies IC's internal circuitry. Connect to
positive supply.
5, 8
OUT(A/B)
Switch Output: Output MOSFET drain. Typically connect to switched side of load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com