Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3602 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US3602
Description  HIGH PRECISION PSR CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3602 Datasheet(HTML) 6 Page - Unisonic Technologies

  US3602 Datasheet HTML 1Page - Unisonic Technologies US3602 Datasheet HTML 2Page - Unisonic Technologies US3602 Datasheet HTML 3Page - Unisonic Technologies US3602 Datasheet HTML 4Page - Unisonic Technologies US3602 Datasheet HTML 5Page - Unisonic Technologies US3602 Datasheet HTML 6Page - Unisonic Technologies US3602 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
US3602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-985.b
FUNCTION DESCRIPTION(Cont.)
Operation Switching Frequency
The UTC US3602 is designed to work in DCM flyback topology and no external loop compensation component is
required while maintaining stability. The maximum duty cycle is limited to 50%. The maximum switching frequency
should be set to less than 100KHz and the minimum switching frequency should be set to more than 20KHz. The
maximum and minimum switching frequency is limited in UTC US3602 to ensure the stability of system.
The switching frequency can be set by the formula:
LED
2
LED
2
I
×
Lp
×
Ns
×
8
V
×
Np
=
f
Where, LP is the primary winding inductance of transformer.
Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including VCC
over-voltage protection, VCC Clamp, GATE Clamp, Cycle-by-cycle current limiting, LED short circuit protection, LED
open circuit protection, leading edge blanking, OTP and UVLO, etc.
VCC is supplied by transformer auxiliary winding output. The output of UTC US3602 is shutdown when VCC drops
below VTH(OFF) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com