Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3651G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US3651G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3651G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US3651G-S08-R Datasheet HTML 1Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 2Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 3Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 4Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 5Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 6Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 7Page - Unisonic Technologies US3651G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US3651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-947.h
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Voltage (Off State)
BVDSS
-0.3~Bvdss
V
VDD Zener Clamp Continuous Current
IDD
10
mA
COMP Voltage
VCOMP
-0.3~7
V
CS Input Voltage
VCS
-0.3~7
V
INV Input Voltage
VINV
-0.3~7
V
Operating Junction Temperature
TJ
-20~150
°C
Storage Temperature
TSTG
-55~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain Pin Connected 100mm
2 PCB copper clad.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
75
°C/W
Junction to Ambient
SOP-8
θJA
90
°C/W
OUTPUT POWER TABLE
PARAMETER
RATINGS
UNIT
230VAC±15%
6
W
Adapter (Note)
85-264VAC
5
W
Note: Maximum practical continuous power in an Adapter design with sufficient drain pattern as a heat sink, at 50°C
ambient.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com