Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US12231L-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US12231L-P20-R
Description  POWER INTERFACE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231L-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US12231L-P20-R Datasheet HTML 1Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 2Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 3Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 4Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 5Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 6Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 7Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 8Page - Unisonic Technologies US12231L-P20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
US12231
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 15
www.unisonic.com.tw
QW-R502-A82.a
ABSOLUTE MAXIMUM RATING (Over operating free-air temperature range (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Input Voltage Range For Card Power
VIN
1.5VIN
-0.3~6
V
3.3VIN
-0.3~6
AUXIN
-0.3~6
Logic Input/Output Voltage
-0.3~6
V
Output Voltage Range
VOUT
1.5VIN
-0.3~6
V
3.3VIN
-0.3~6
AUXIN
-0.3~6
Continuous Total Power Dissipation
See dissipation rating table
Output Current
IOUT
1.5VIN
Internally limited
3.3VIN
Internally limited
AUXIN
Internally limited
OC Sink Current
10
mA
PERST Sink/Source Current
10
mA
Operating Virtual Junction Temperature Range
TJ
-40~+120
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DISSIPATION RATINGS (Thermal Resistance=°C/W)
PARAMETER
SYMBOL
RATINGS
UNIT
POWER RATING (TA≤25°C)
704.2
mW
Note: These devices are mounted on a JEDEC low-k board (2-oz. traces on surface), (The table is assuming that
the maximum junction temperature is 120°C).
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
1.5VIN
1.5VIN is only required for its
respective functions
1.35
1.65
V
3.3VIN
3.3VIN is only required for its
respective functions
3
3.6
AUXIN
AUXIN is required for all circuit
operations
3
3.6
Continuous Output Current
IOUT
1.5VOUT
0
650
mA
3.3VOUT
0
1.3
A
AUXOUT
0
275
mA
Operating Virtual Junction
Temperature
TJ
-40
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com