Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4S012G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USB4S012G-AG6-R
Description  4-CHANNEL ESD SOLUTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USB4S012G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USB4S012G-AG6-R Datasheet HTML 1Page - Unisonic Technologies USB4S012G-AG6-R Datasheet HTML 2Page - Unisonic Technologies USB4S012G-AG6-R Datasheet HTML 3Page - Unisonic Technologies USB4S012G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USB4S012
Preliminary
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R215-010.a
4-CHANNEL ESD SOLUTION
FOR USB-HS/USB OTG/USB
CHARGER INTERFACE
DESCRIPTION
The UTC USB4S012 is a four-channel electrostatic discharge
(ESD) solution for USB charger or USB on-the-go (OTG) interface.
In many cell phone applications, the USB connector is the de facto
communication port for external communications like high-speed
data transfer, audio signal, charging, car-kit, etc. In order to support
different interfaces, the USB port needs to handle different voltage
levels. For example, some chargers require the VBUS port of the
USB connector to handle in excess of the normal VBUS voltage per
USB specifications. The UTC USB4S012 offers combinations of
two different clamp voltages to match the voltage tolerances of the
different signal interfaces using the common USB connector.
The UTC USB4S012 conforms to IEC61000-4-2 (Level 4) ESD.
The device is offered in space-saving packages with flow-through
pin mapping.
FEATURES
* Integrated ESD Clamps for D+, D–, VBUS, and ID Pins to
Provide Single-Chip ESD Protection for USB High Speed,
USB-OTG, and USB Charger Interface
* IEC 61000-4-2 (Level 4) System Level ESD
Compliance Measured at the D+, D–, and ID Pins
– ±10-kV IEC 61000-4-2 Contact Discharge
– ±10-kV IEC 61000-4-2 Air-Gap Discharge
* 3 Amps Peak Pulse Current (8/20μs Pulse) for VBUS and
D+, D–, and ID Lines
* Special Snap Back Technology Allows High-voltage
Tolerance During Normal Operation while Reducing the
Clamp Voltage during System Level ESD Stress
* USB Signal Pins (D+, D–, ID)
– 0.8-pF Line Capacitance
– Tolerates 6V Signal
* VBUS Line (VBUS)
– 11-pF Line Capacitance
– Tolerates 20V Signal
* Flow-Through Pin Mapping for the High-Speed
Lines Ensures Zero Additional Skew Due to Board
Layout While Placing the ESD
Protection Chip Near the Connector
* Supports Data Rates in Excess of 480Mbps
* Industrial Temperature Range: –40°C~85°C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
USB4S012L-AG6-R
USB4S012G-AG6-R
SOT-26
Tape Reel


Similar Part No. - USB4S012G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USB4S012G-AG6-R UTC-USB4S012G-AG6-R Datasheet
146Kb / 4P
4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
More results

Similar Description - USB4S012G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
13-Channel ESD Protection Solution
logo
Unisonic Technologies
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
7-CHANNEL INTEGRATED ESD SOLUTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com