Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL1601G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USL1601G-S08-R
Description  CONSTANT CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1601G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USL1601G-S08-R Datasheet HTML 1Page - Unisonic Technologies USL1601G-S08-R Datasheet HTML 2Page - Unisonic Technologies USL1601G-S08-R Datasheet HTML 3Page - Unisonic Technologies USL1601G-S08-R Datasheet HTML 4Page - Unisonic Technologies USL1601G-S08-R Datasheet HTML 5Page - Unisonic Technologies USL1601G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
USL1601
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R125-033.a
CONSTANT CURRENT
CONTROLLER FOR
NON-ISOLATED BUCK LED
DRIVER
DESCRIPTION
The UTC USL1601 is a high precision constant current
non-isolated buck LED driver controller. It can operate under
universal AC input, also can operate 12V~600V DC input. The UTC
USL1601
integrates 600V power MOSFET, so it can use very few
external
components
achieve
excellent
constant
current
performance.
The UTC USL1601 uses high precision current sense circuit and
patent method for constant current control, to achieve high precision output current and excellent line regulation.
The UTC USL1601 operates in inductor current critical mode. The LED current is constant over wide range of
inductance variation and the LED output voltage, so the load regulation is excellent.
The UTC USL1601 operation current is 200µA only, so the auxiliary winding is not needed. It can simplify the
system design and reduce the system cost.
The UTC USL1601 offers rich protection functions, including LED short circuit protection, current sense resistor
short circuit protection and over temperature protection.
FEATURES
* Inductor current critical mode, No need to compensate the
inductance variation
* 600V MOSFET integrated
* ±3% LED current accuracy
* Source driver structure, Not need the auxiliary winding for VCC
* LED short circuit protection
* Up to 93% system efficiency
* Current sense resistor short circuit protection
* Over temperature protection
ORDERING INFORMATION
Ordering Number
Package
Packing
USL1601G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - USL1601G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL1602 UTC-USL1602 Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
USL1602G-D08-T UTC-USL1602G-D08-T Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
USL1602L-D08-T UTC-USL1602L-D08-T Datasheet
179Kb / 7P
CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
More results

Similar Description - USL1601G-S08-R

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com