Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4310E Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # D4310E
Description  High voltage ratings up to 3000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D4310E Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  D4310E Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D4310E Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D4310E Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D4310E Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D4310E Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.7 Maximum non-repetitive surge current
single and double side cooled
Fig.8 Maximum non-repetitive surge current
single and double side cooled
Fig.9 Forward voltage drop characteristcs
Instantaneous forward voltage (V)
Number of equal amplitude half cycle
current pulses (N)
Pulse train duration (S)
Fig.10 Thermal lmpedance R
characteristics
thJ-hs
Square wave pulse duration (s)
1
10
100
0.01
0.1
1
20000
1000
100
10
58000
52000
46000
40000
34000
0.5
1.0
1.5
2.0
2.5
3.0
0.1
0.01
0.001
0.001
0.01
0.1
1
70000
60000
50000
40000
30000
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Rated V
Reapplied
RRM
No Voltage Reapplied
Initial T = 160°C, @50Hz
J
0.0001
100
Steady State Value
(Single side cooled)
R
= 0.022 K/W
thJ-hs
(Double side cooled)
R
= 0.011 K/W
thJ-hs
(DC Operation)
Page 4 of 5
www.nellsemi.com
initial T = 160°C
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
At Any Rated Load Condition And With
100% Rated V
Applied Following Surge
RRM
28000
22000
20000
10000
3.5
10000
D4310E Series
T = 25°C
J
T = 160°C
J



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com