Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690AESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX690AESA
Description  Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX690AESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX690AESA Datasheet HTML 1Page - Maxim Integrated Products MAX690AESA Datasheet HTML 2Page - Maxim Integrated Products MAX690AESA Datasheet HTML 3Page - Maxim Integrated Products MAX690AESA Datasheet HTML 4Page - Maxim Integrated Products MAX690AESA Datasheet HTML 5Page - Maxim Integrated Products MAX690AESA Datasheet HTML 6Page - Maxim Integrated Products MAX690AESA Datasheet HTML 7Page - Maxim Integrated Products MAX690AESA Datasheet HTML 8Page - Maxim Integrated Products MAX690AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Microprocessor Supervisory Circuits
2
_______________________________________________________________________________________
Terminal Voltage (with respect to GND)
VCC ............................................... -0.3V to 6.0V
VBATT .............................................. -0.3V to 6.0V
All Other Inputs (Note 1) ................ -0.3V to (VCC + 0.3V)
Input Current
VCC ...................................................... 200mA
VBATT ..................................................... 50mA
GND ...................................................... 20mA
Output Current
VOUT ................... Short-Circuit Protected for up to 10sec
All Other Outputs ........................................ 20mA
Rate of Rise, VCC, VBATT ................................ 100V/µs
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/°C above +70°C) ........ 727mW
SO (derate 5.88mW/°C above +70°C) ................ 471mW
CERDIP (derate 8.00mW/°C above +70°C) ........... 640mW
Operating Temperature Ranges:
MAX69_AC_ _, MAX80_ _ C_ _ .................. 0°C to +70°C
MAX69_AE_ _, MAX80_ _ E_ _ ................ -40°C to +85°C
MAX69_AMJA, MAX805LMJA ................ -55°C to +125°C
Storage Temperature Range .................. -65°C to +160°C
Lead Temperature (soldering, 10sec) .................. +300°C
ELECTRICAL CHARACTERISTICS
(VCC = 4.75V to 5.5V for MAX690A/MAX802L/MAX805L, VCC = 4.5V to 5.5V for MAX692A/MAX802M, VBATT = 2.8V,
TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range,
VCC, VBATT (Note 2)
MAX69_AC, MAX802_C
1.0
5.5
V
MAX805LC
MAX69_AE/M, MAX80_ _E
1.2
5.5
Supply Current (Excluding IOUT)
ISUPPLY
MAX69_AC, MAX802_C
200
350
µA
MAX69_AE/M, MAX802_E, MAX805LE/M
200
500
ISUPPLY in Battery-Backup Mode
(Excluding IOUT)
VCC = 0V,
VBATT = 2.8V
0.05
1.0
5.0
5.5V > VCC>
VBATT +0.2V
-0.1
0.02
µA
-1.0
0.02
VOUT Output
IOUT = 5mA
VCC - 0.05 VCC - 0.025
V
ABSOLUTE MAXIMUM RATINGS
Note 1: The input voltage limits on PFI and WDI may be exceeded if the current into these pins is limited to less than 10mA.
VBATT Standby Current (Note 3)
VCC - 0.5
VCC - 0.25
VOUT in Battery-Backup Mode
IOUT = 250µA, VCC < VBATT - 0.2V
VBATT - 0.1 VBATT - 0.02
V
IOUT = 50mA
Battery Switch Threshold, VCC
to VBATT
VCC < VRT
20
mV
-20
µA
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
Power-up
Power-down
Battery Switchover Hysteresis
40
mV
Reset Threshold
VRT
MAX690A, MAX802L, MAX805L
V
MAX692A, MAX802M
4.25
4.40
4.50
MAX802L, TA = +25°C, VCC falling
4.55
4.70
MAX802M, TA = +25°C, VCC falling
4.30
4.45
Reset Threshold Hysteresis
40
mV
Reset Pulse Width
tRS
140
200
280
ms
RESET
Output Voltage
ISOURCE = 800µA
VCC - 1.5
V
ISINK = 3.2mA
0.4
0.3
0.3
TA = TMIN to TMAX
MAX69_AC, MAX802_C, VCC = 1.0V
ISINK = 50µA
MAX69_AE/M, MAX802_E,
VCC = 1.2V, ISINK = 100µA
1.1
5.5
4.50
4.65
4.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com