Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6504CMP080 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6504CMP080
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6504CMP080 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6504CMP080 Datasheet HTML 1Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 2Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 3Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 4Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 5Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 6Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 7Page - Maxim Integrated Products MAX6504CMP080 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
_______________________________________________________________________________________
5
POSITIVE
TEMPCO
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
HYST
NETWORK
TOVER
HYST
TOVER
TEMP
COLD
+25°CTTH
V
MAX6501
POSITIVE
TEMPCO
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
HYST
NETWORK
TOVER
HYST
TOVER
TEMP
COLD
+25°CTTH
HOT
HOT
V
POSITIVE
TEMPCO
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
HYST
NETWORK
TUNDER
HYST
TUNDER
TEMP
COLD
TTH
+25°C
HOT
V
POSITIVE
TEMPCO
REFERENCE
NEGATIVE
TEMPCO
REFERENCE
HYST
NETWORK
TUNDER
HYST
TUNDER
TEMP
COLD
TTH
+25°C
HOT
V
MAX6502
MAX6503
MAX6504
MAX6501
WITH 100k
Ω PULL-UP
MAX6504
MAX6503
WITH 100k
Ω PULL-UP
MAX6502
Figure 1. Block and Functional Diagrams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com