Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX800LEPE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX800LEPE
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX800LEPE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX800LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 9Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 10Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 11Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 12Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 13Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 14Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 15Page - Maxim Integrated Products MAX800LEPE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Microprocessor Supervisory Circuits
_Ordering Information (continued)
________________________________________________________Package Information
PART
MAX693ACPE
MAX693ACSE
MAX693ACWE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 Wide SO
MAX693AC/D
MAX693AEJE
-40°C to +85°C
0°C to +70°C
Dice*
16 CERDIP
MAX693AEPE
MAX693AESE
-40°C to +85°C
-40°C to +85°C
16 Plastic SO
16 Narrow SO
MAX693AEWE
-40°C to +85°C
16 Wide SO
MAX693AMJE
-55°C to +125°C
16 CERDIP
MAX800LCPE
MAX800LCSE
MAX800LEPE
-40°C to +85°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
16 Plastic DIP
MAX800LESE
MAX800MCPE
MAX800MCSE
-40°C to +85°C
16 Narrow SO
MAX800MEPE
-40°C to +85°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
16 Plastic DIP
MAX800MESE
-40°C to +85°C
16 Narrow SO
* Dice are specified at TA = +25°C, DC parameters only.
___________________Chip Topography
WDI
CE IN
CE OUT
VCC
GND
WDO
BATT ON
LOW LINE
VOUT
VBATT
RESET
RESET
PFI PFO
OSC SEL
OSC IN
0.11"
(2.794mm)
0.07"
(1.778mm)
TRANSISTOR COUNT: 729
SUBSTRATE CONNECTED TO VOUT
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com