Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX709SCSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX709SCSA
Description  Power-Supply Monitor with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX709SCSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX709SCSA Datasheet HTML 1Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 2Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 3Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 4Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 5Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 6Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 7Page - Maxim Integrated Products MAX709SCSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power-Supply Monitor with Reset
2
_______________________________________________________________________________________
Terminal Voltage (with respect to GND)
VCC................................................ -0.3V to 6.0V
RESET.................................... -0.3V to (VCC + 0.3V)
Input Current, VCC .......................................... 20mA
Output Current, RESET ..................................... 20mA
Rate-of-Rise, VCC ......................................... 100V/µs
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ........ 727mW
µMAX (derate 4.10mW/°C above +70°C) ............. 330mW
SO (derate 5.88mW/°C above +70°C)................. 471mW
Operating Temperature Ranges
MAX709_C___ ................................... 0°C to +70°C
MAX709_E___ . ................................ -40°C to +85°C
Storage Temperature Range .................. -65°C to +160°C
Lead Temperature (soldering, 10sec).................... +300°C
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Supply current is measured with VCC = 3.6V for MAX709R/S/T, and VCC = 5.5V for all versions.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Range
1.0
5.5
V
1.2
5.5
Supply Current (Note 1)
35
85
µA
35
110
All versions
65
150
65
200
RESET Threshold, VTH
MAX709L
4.50
4.65
4.75
V
MAX709M
4.25
4.40
4.50
MAX709T
3.00
3.08
3.15
MAX709S
2.85
2.93
3.00
MAX709R
2.55
2.63
2.70
VCC to RESET Delay
VCC = reset threshold max to reset threshold min
20
µs
Reset Active Timeout Period
VCC = reset threshold max, VCC rising
140
280
560
ms
RESET Output Voltage
0.3
V
0.4
ISINK = 50µA, VCC ≥ 1.0V, MAX709_C
0.3
ISINK = 100µA, VCC ≥ 1.2V, MAX709_E
0.4
ISOURCE = 800µA, VCC ≥ reset threshold max,
MAX709L/M only
MAX709_C
MAX709_E
MAX709_C, VCC < 3.6V
MAX709_E, VCC < 3.6V
MAX709_C, VCC < 5.5V
MAX709_E, VCC < 5.5V
MAX709R/S/T only
ISINK = 1.2mA, VCC = reset threshold min,
MAX709R/S/T only
ISINK = 3.2mA, VCC = reset threshold min,
MAX709L/M only
ISOURCE = 500µA, VCC ≥ reset threshold max,
MAX709R/S/T only
0.8 x VCC
VCC - 1.5
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com