Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40FD Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 40FD
Description  Short reverse recovery time
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40FD Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  40FD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40FD Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40FD Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40FD Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40FD Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40FD Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Low stored charge
Wide current range
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 6
Fast Recovery Diodes
Nell High Power Products
Excellent surge capabilities
(Stud Version), 40A
DO-203AB(DO-5)
PRODUCT SUMMARY
IF(AV)
40A
Short reverse recovery time
Available
RoHS*
COMPLIANT
Stud cathode and stud anode versions
Voltage up to 1200 VRRM
Compliant to RoHS
DC power supplies
lnverters
Converters
40FD(R)Series
Choppers
Ultrasonic systems
Freewheeling diodes
www.nellsemi.com
MAJOR RATINGS AND CHARACTERISTICS
UNIT
V
IFSM
IF(AV)
2
I
t
2
A s
A
CHARACTERISTICS
Maximum TC
ns
A
200 to 1200
50 HZ
60 HZ
50 HZ
60 HZ
Range
ºC
-40 to 125
SYMBOL
2
I √t
VRRM
trr
TJ
Range
See Recovery Characteristics table
2
I √t
2
I √s
40FD(R)
40
85
475
500
1128
1038
11281
ºC
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REVERSE VOLTAGE
T = -40°C TO 125°C
J
08
10
02
04
200
400
600
800
06
1000
PEAK REPETITIVE
12
1200
40FD(R)
VRSM, MAXIMUM PEAK
REVERSE VOLTAGE
T = 25°C TO 125°C
J
CURRENT AT RATED VRRM
T = 125°C
J
mA
300
500
700
900
10
1100
1300
NON-REPETITIVE
IFM, MAXIMUM PEAK REVERSE
T = 25°C
J
0.1
V
V


Similar Part No. - 40FD

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
40FDR02 NELLSEMI-40FDR02 Datasheet
617Kb / 6P
Fast Recovery Diodes
40FDR04 NELLSEMI-40FDR04 Datasheet
617Kb / 6P
Fast Recovery Diodes
40FDR06 NELLSEMI-40FDR06 Datasheet
617Kb / 6P
Fast Recovery Diodes
40FDR06A NELLSEMI-40FDR06A Datasheet
703Kb / 6P
Fast Recovery Diodes (Stud Version), 40A
More results

Similar Description - 40FD

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
85FD NELLSEMI-85FD Datasheet
647Kb / 6P
Short reverse recovery time
70FD NELLSEMI-70FD Datasheet
630Kb / 6P
Short reverse recovery time
logo
Pan Jit International I...
PSDB1560S1 PANJIT-PSDB1560S1 Datasheet
1,012Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDB1560S1-REV.00
PSDD0860S1 PANJIT-PSDD0860S1 Datasheet
307Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
January 10,2022 PSDD0860S1-REV.00
PSDH30120S1 PANJIT-PSDH30120S1 Datasheet
716Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
September 3,2020 PSDH30120S1-REV.00
PSDH3060CCS1 PANJIT-PSDH3060CCS1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH3060CCS1-REV.00
PSDH6060CCS1 PANJIT-PSDH6060CCS1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH6060CCS1-REV.00
PSDH6060S1 PANJIT-PSDH6060S1 Datasheet
718Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
November 3,2020 PSDH6060S1-REV.00
PSDP1560S1 PANJIT-PSDP1560S1 Datasheet
1Mb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
November 3,2020 PSDP1560S1-REV.00
PSDC0860S1 PANJIT-PSDC0860S1 Datasheet
340Kb / 5P
Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
February 1,2023 PSDC0860S1-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com