Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85D Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 85D
Description  Glass passivated chips
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85D Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  85D Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 85D Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
IF(RMS)
Maximum RMS forward current
A
ºC
133
Maximum peak, one-cycle forward,
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
2
I t
Sinusoidal half wave,
initial TJ = TJ maximum
1700
1800
1450
1500
14450
13170
10230
9340
2
A s
A
A
144500
t = 0.1 to 10 ms, no voltage reapplied
2
I √t
Maximum l²t for fusing
Maximum l²√t for fusing
Maximum forward voltage drop
VFM
1.2
2
A √s
V
l
= 267A, T = 25˚C, t = 400µs rectangular wave
pk
J
p
Maximum junction operating and
storage temperature range
- 65 to180
ºC
0.25
K/W
Maximum thermal resistace,
junction to case
Maximum thermal resistance
case to heatsink
0.35
15
0.53
(lbf · in)
N · m
Maximum allowable mounting torque
Approximate weight
Case style
DO-203AB (DO-5)
TJ
RthJC
RthCS
(lbf · in)
N · m
g
oz.
Mounting surface, smooth, flat and greased
DC operation
See dimensions - link at the end of datasheet
ΔRthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180˚
120˚
90˚
60˚
30˚
0.10
0.11
0.13
0.17
0.26
0.08
0.11
0.13
0.17
0.26
TJ = TJ maximum
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Note
85D(R)Series
02 TO 12
16
140
110
1.4
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
02 TO 12
16
- 65 to150
(1)
Not lubricated thread ,tighting on nut
Lubricated thread ,tighting on hexagon
(2)
Lubricated thread ,tighting on nut
(1)
Not lubricated thread ,tighting on hexagon
(2)
3.4(30)
2.3(20)
4.2(37)
3.2(28)
(+0% , -10%)
Note
(1) Recommended for pass-through holes.
(2) Recommended for holed threaded heatsinks.
85D(R)
85
85D(R)
Page 2 of 7
www.nellsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com