Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKF110 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKF110
Description  FAST RECOVERY DIODE MODULES TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKF110 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKF110 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKF110 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
I
1
100
4
0
100
200
400
8
2
6
10
20
60 80
40
600
800
1000
20
40
60
80
100
120
0
25
50
75
100
125
150
0.1
1
10
100
1000
10000
0
100
200
300
400
TRR TEST
4.55ms
30us
20us
450us
IF=+0.5A
90%IF
Trr
90%IR
Tf<12ns
Ir= - 1A
40V
50V
D.U.T
TO SCOPE
BNC
30
20
50
10
40
50
1
10
100
1000
0.0
1.0
2.0
3.0
4.0
Typical Forward Characteristics
Figure 1
Forward Derating Curve
Figure 2
C
Case Temperature - C
Instantaneous Forward Voltage - V
V
Figure 3
Peak Forward Surge Current
Cycles
Number of Cycles at 60Hz - Cycles
Figure 4
Typical Reverse Characteristics
Single phase , half Wave
60Hz Resistive or inductive Load
Figure 5 GR1 Test Circuit
Reverse Voltage - V
V
Tj=25 C
Tj=150 C
Tj=125 C
Tj=25 C
SEMICONDUCTOR
RoHS
RoHS
NKF110-60(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com