Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1759 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1759 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC1759_15 Datasheet HTML 17Page - NXP Semiconductors LPC1759_15 Datasheet HTML 18Page - NXP Semiconductors LPC1759_15 Datasheet HTML 19Page - NXP Semiconductors LPC1759_15 Datasheet HTML 20Page - NXP Semiconductors LPC1759_15 Datasheet HTML 21Page - NXP Semiconductors LPC1759_15 Datasheet HTML 22Page - NXP Semiconductors LPC1759_15 Datasheet HTML 23Page - NXP Semiconductors LPC1759_15 Datasheet HTML 24Page - NXP Semiconductors LPC1759_15 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 8.6 — 18 August 2015
21 of 80
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
• While USB is in the Suspend mode, the LPC1759/58/56/54/52/51 can enter one of the
reduced power modes and wake up on USB activity.
• Supports DMA transfers with all on-chip SRAM blocks on all non-control endpoints.
• Allows dynamic switching between CPU-controlled slave and DMA modes.
• Double buffer implementation for Bulk and Isochronous endpoints.
8.12.2 USB host controller (LPC1759/58/56/54 only).
The host controller enables full- and low-speed data exchange with USB devices attached
to the bus. It consists of a register interface, a serial interface engine, and a DMA
controller. The register interface complies with the Open Host Controller Interface (OHCI)
specification.
8.12.2.1
Features
• OHCI compliant.
• One downstream port.
• Supports port power switching.
8.12.3 USB OTG controller (LPC1759/58/56/54 only).
USB OTG is a supplement to the USB 2.0 specification that augments the capability of
existing mobile devices and USB peripherals by adding host functionality for connection to
USB peripherals.
The OTG Controller integrates the host controller, device controller, and a master-only
I2C-bus interface to implement OTG dual-role device functionality. The dedicated I2C-bus
interface controls an external OTG transceiver.
8.12.3.1
Features
• Fully compliant with On-The-Go supplement to the USB 2.0 Specification, Revision
1.0a.
• Hardware support for Host Negotiation Protocol (HNP).
• Includes a programmable timer required for HNP and Session Request Protocol
(SRP).
• Supports any OTG transceiver compliant with the OTG Transceiver Specification
(CEA-2011), Rev. 1.0.
8.13 CAN controller and acceptance filters
The Controller Area Network (CAN) is a serial communications protocol which efficiently
supports distributed real-time control with a very high level of security. Its domain of
application ranges from high-speed networks to low cost multiplex wiring.
The CAN block is intended to support multiple CAN buses simultaneously, allowing the
device to be used as a gateway, switch, or router among a number of CAN buses in
industrial or automotive applications.
Remark: LPC1754/52/51 have only one CAN bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com