Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX761C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX761C/D
Description  12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX761C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX761C/D Datasheet HTML 4Page - Maxim Integrated Products MAX761C/D Datasheet HTML 5Page - Maxim Integrated Products MAX761C/D Datasheet HTML 6Page - Maxim Integrated Products MAX761C/D Datasheet HTML 7Page - Maxim Integrated Products MAX761C/D Datasheet HTML 8Page - Maxim Integrated Products MAX761C/D Datasheet HTML 9Page - Maxim Integrated Products MAX761C/D Datasheet HTML 10Page - Maxim Integrated Products MAX761C/D Datasheet HTML 11Page - Maxim Integrated Products MAX761C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Reference Capacitor
Bypass REF with a 0.1µF capacitor. REF can source up
to 100µA.
Setting the Low-Battery Detector Voltage
To set the low-battery detector’s falling trip voltage
(VTRIP), select R3 between 10k
Ω and 500kΩ (Figures 2
and 3), and calculate R4 as follows:
R4 = R3 [
(VTRIP - VREF)
]
VREF
where VREF = 1.5V.
The rising trip voltage is higher because of the compara-
tor’s hysteresis of approximately 20mV, and can be cal-
culated by:
VTRIP(rising) = (VREF + 20mV)(1 + R4/R3).
Connect a high-value resistor (larger than R3 + R4)
between LBI and LBO if additional hysteresis is required.
Connect a pull-up resistor (e.g., 100k
Ω) between LBO
and VOUT. Tie LBI to GND or V+ and leave LBO floating
if the low-battery detector is not used.
___________Applications Information
Layout Considerations
Proper PC board layout is essential because of high cur-
rent levels and fast switching waveforms that radiate
noise. Minimize ground noise by connecting GND, the
input bypass-capacitor ground lead, and the output filter-
capacitor ground lead to a single point (star ground con-
figuration). Also minimize lead lengths to reduce stray
capacitance, trace resistance, and radiated noise. The
traces connected to FB and LX, in particular, must be
short. Place bypass capacitor C2 as close as possible to
V+ and GND.
12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Converters
______________________________________________________________________________________
11
INDUCTORS
DIODES
Sumida
CD54-180 (22µH)
Coiltronics
CTX 100-series
Matsuo
267 series
Surface Mount
Sanyo
OS-CON series
Low-ESR organic
semiconductor
Sumida
RCH855-180M
Miniature Through-Hole
PRODUCTION METHOD
Nichicon
PL series
Low-ESR electrolytics
United Chemi-Con
LXF series
Renco
RL 1284-18
Low-Cost Through-Hole
CAPACITORS
Nihon
EC10 series
Motorola
1N5817,
MUR105
Table 1. Component Suppliers
Coiltronics
(USA)
(407) 241-7876
FAX (407) 241-9339
Matsuo
(USA)
(714) 969-2491
FAX (714) 960-6492
Matsuo
(Japan)
81-6-337-6450
FAX 81-6-337-6456
Nichicon
(USA)
(708) 843-7500
FAX (708) 843-2798
Nihon
(USA)
(805) 867-2555
FAX (805) 867-2556
Renco
(USA)
(516) 586-5566
FAX (516) 586-5562
Sanyo
(USA)
(619) 661-6835
FAX (619) 661-1055
Sanyo
(Japan)
(0720) 70-1005
FAX (0720) 70-1174
Sumida
(USA)
(708) 956-0666
Sumida
(Japan)
81-3-607-5111
FAX 81-3-607-5144
United Chem-Con
(USA)
(714) 255-9500
FAX (714) 255-9400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com