Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1815M/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM1815M/NOPB
Description  LM1815 Adaptive Variable Reluctance Sensor Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1815M/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM1815M/NOPB Datasheet HTML 4Page - Texas Instruments LM1815M/NOPB Datasheet HTML 5Page - Texas Instruments LM1815M/NOPB Datasheet HTML 6Page - Texas Instruments LM1815M/NOPB Datasheet HTML 7Page - Texas Instruments LM1815M/NOPB Datasheet HTML 8Page - Texas Instruments LM1815M/NOPB Datasheet HTML 9Page - Texas Instruments LM1815M/NOPB Datasheet HTML 10Page - Texas Instruments LM1815M/NOPB Datasheet HTML 11Page - Texas Instruments LM1815M/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LM1815
SNOSBU8F – SEPTEMBER 2000 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
Figure 18. LM1815 Oscillograms
INPUT VOLTAGE CLAMP
The signal input voltage at pin 3 is internally clamped. Current limit for the Input pin is provided by an external
resistor which should be selected to allow a peak current of ±3 mA in normal operation. Positive inputs are
clamped by a 1k
Ω resistor and series diode (see R4 and Q12 in the internal schematic diagram), while an active
clamp limits pin 3 to typically 350mV below Ground for negative inputs (see R2, R3, Q10, and Q11 in the internal
schematic diagram). Thus for input signal transitions that are more than 350mV below Ground, the input pin
current (up to 3mA) will be pulled from the V+ supply. If the V+ pin is not adequately bypassed the resulting
voltage ripple at the V+ pin will disrupt normal device operation. Likewise, for input signal transitions that are
more than 500mV above Ground, the input pin current will be dumped to Ground through device pin 2. Slight
shifts in the Ground potential at device pin 2, due to poor grounding techniques relative to the input signal
ground, can cause unreliable operation. As always, adequate device grounding, and V+ bypassing, needs to be
considered across the entire input voltage and frequency range for the intended application.
INPUT CURRENT LIMITING
As stated earlier, current limiting for the Input pin is provided by a user supplied external resistor. For purposes of
selecting the appropriate resistor value the Input pin should be considered to be a zero ohm connection to
ground. For applications where the input voltage signal is not symmetrical with relationship to Ground the worst
case voltage peak should be used.
Minimum Rext = [(Vin peak)/3mA]
In the application example shown in Figure 17 (Rext = 18k
Ω) the recommended maximum input signal voltage is
±54V (i.e. 108Vp-p).
OPERATION OF ZERO CROSSING DETECTOR
The LM1815 is designed to operate as a zero crossing detector, triggering an internal one shot on the negative-
going edge of the input signal. Unlike other zero crossing detectors, the LM1815 cannot be triggered until the
input signal has crossed an "arming" threshold on the positive-going portion of the waveform. The arming circuit
is reset when the chip is triggered, and subsequent zero crossings are ignored until the arming threshold is
exceeded again. This threshold varies depending on the connection at pin 5. Three different modes of operation
are possible:
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com