Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX764ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX764ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX764ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX764ESA Datasheet HTML 4Page - Maxim Integrated Products MAX764ESA Datasheet HTML 5Page - Maxim Integrated Products MAX764ESA Datasheet HTML 6Page - Maxim Integrated Products MAX764ESA Datasheet HTML 7Page - Maxim Integrated Products MAX764ESA Datasheet HTML 8Page - Maxim Integrated Products MAX764ESA Datasheet HTML 9Page - Maxim Integrated Products MAX764ESA Datasheet HTML 10Page - Maxim Integrated Products MAX764ESA Datasheet HTML 11Page - Maxim Integrated Products MAX764ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
switch is OFF), the range of input and output voltages is
limited to a 21V absolute maximum differential voltage.
When output voltages more negative than -16V are
required, substitute the MAX764/MAX765/MAX766 with
Maxim’s MAX774/MAX775/MAX776 or MAX1774, which
use an external switch.
PFM Control Scheme
The MAX764/MAX765/MAX766 use a proprietary, cur-
rent-limited PFM control scheme that blends the best
features of PFM and PWM devices. It combines the
ultra-low supply currents of traditional pulse-skipping
PFM converters with the high full-load efficiencies of
current-mode pulse-width modulation (PWM) convert-
ers. This control scheme allows the devices to achieve
high efficiencies over a wide range of loads, while the
current-sense function and high operating frequency
allow the use of miniature external components.
As with traditional PFM converters, the internal power
MOSFET is turned on when the voltage comparator
senses that the output is out of regulation (Figure 1).
However, unlike traditional PFM converters, switching is
accomplished through the combination of a peak cur-
rent limit and a pair of one-shots that set the maximum
on-time (16µs) and minimum off-time (2.3µs) for the
switch. Once off, the minimum off-time one-shot holds
the switch off for 2.3µs. After this minimum time, the
switch either 1) stays off if the output is in regulation, or
2) turns on again if the output is out of regulation.
The MAX764/MAX765/MAX766 limit the peak inductor
current, which allows them to run in continuous-con-
duction mode and maintain high efficiency with heavy
loads. (See the photo Continuous Conduction at Full
Current Limit in the
Typical Operating Characteristics.)
This current-limiting feature is a key component of the
control circuitry. Once turned on, the switch stays on
until either 1) the maximum on-time one shot turns it off
(16µs later), or 2) the current limit is reached.
To increase light-load efficiency, the current limit is set to
half the peak current limit for the first two pulses. If those
pulses bring the output voltage into regulation, the volt-
age comparator holds the MOSFET off and the current
limit remains at half the peak current limit. If the output
voltage is still out of regulation after two pulses, the cur-
rent limit is raised to its 0.75A peak for the next pulse.
(See the photo Discontinuous Conduction at Half and Full
Current Limit in the
Typical Operating Characteristics.)
Shutdown Mode
When SHDN is high, the MAX764/MAX765/MAX766
enter a shutdown mode in which the supply current
drops to less than 5µA. In this mode, the internal biasing
circuitry (including the reference) is turned off and OUT
discharges to ground. SHDN is a TTL/CMOS-logic level
input. Connect SHDN to GND for normal operation.
With a current-limited supply, power-up the device while
unloaded or in shutdown mode (hold SHDN high until V+
exceeds 3.0V) to save power and reduce power-up cur-
rent surges. (See the Supply Current vs. Supply Voltage
graph in the
Typical Operating Characteristics.)
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
_______________________________________________________________________________________
9
MAX764
MAX765
MAX766
SHDN
REF
LX
V+
GND
FB
VOUT
V+
OUT
C4
68
µF
20V
D1
1N5817
L1
47
µH
8
6
7
3
4
2
1
C3
0.1
µF
C2
0.1
µF
C1
120
µF
20V
VIN
MAX764
MAX765
MAX766
-5
-12
-15
3 to 15
3 to 8
3 to 5
PRODUCT
OUTPUT
VOLTAGE (V)
INPUT
VOLTAGE (V)
5
Figure 2. Fixed Output Voltage Operation
MAX764
MAX765
MAX766
SHDN
REF
LX
V+
GND
FB
VOUT
-1V to
-16V
V+
OUT
C4
68
µF
20V
D1
1N5817
L1
47
µH
8
6
7
3
4
2
1
C3
0.1
µF
C2
0.1
µF
C1
120
µF
20V
VIN
5
R2
R1
Figure 3. Adjustable Output Voltage Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com