Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7652ECB Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX7652ECB
Description  Flash Programmable 12-Bit Integrated Data-Acquisition Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7652ECB Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX7652ECB Datasheet HTML 17Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 18Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 19Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 20Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 21Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 22Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 23Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 24Page - Maxim Integrated Products MAX7652ECB Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Since the acquisition time is limited to eight clock peri-
ods, the acquired voltage at CHOLD can have signifi-
cant error if the analog input source impedance (Rs) is
large. Limit the worst-case error to 1/2 LSB by ensuring,
Rs < 0.9 tCLK / CHOLD
where tCLK is the clock period. Smaller Rs values may
be necessary if an antialiasing filter is used.
The ADC continuously samples the positive and negative
difference between the two external reference voltages
REF+ and REF- by reconfiguring capacitor CREF over
alternate eight clock-period intervals. Switch pairs 1 and
2 are forced off and on, respectively, on the rising edge
of clock cycle five to ensure synchronization with conver-
sions. Capacitor CHOLD also charges to the difference
between REF+ and REF- on the rising edge of clock
cycle 29 and remains charged until the next conversion.
Nevertheless, continuous CREF charging requirements
dominate loading at the REF+ and REF- inputs.
Analog Inputs
The MAX7651/MAX7652 operate in either single-ended
or differential mode. In single-ended mode, one of eight
input channels (AIN0–AIN7) is assigned to AIN+, and
ACOM is assigned to AIN- (see Figure 6). In differential
mode, the eight input channels are assigned to AIN+
and AIN- with four distinct pairings. Table 6 shows the
input assignments for different values of bits M3, M2,
M1, and M0 in the A/D Control SFR (see ADC Special
Function Registers).
Analog Input Protection
Internal protection diodes clamp the analog inputs to
AVDD and AGND, so channels can swing within AGND -
Flash Programmable 12-Bit Integrated
Data-Acquisition Systems
______________________________________________________________________________________
21
SFR
WRITE
CLK
2
3
1
4
5
INPUT SAMPLE
1
13
4
5
2
2
2.1pF
VREF+
VREF+
VREF-
AIN-
3
4
AIN+
1.50pF
VREF-
CREF
CHOLD
Figure 6. ADC Input Structure and Switch Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com