Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1925 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF1925
Description  REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF1925 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF1925_15 Datasheet HTML 10Page - Texas Instruments REF1925_15 Datasheet HTML 11Page - Texas Instruments REF1925_15 Datasheet HTML 12Page - Texas Instruments REF1925_15 Datasheet HTML 13Page - Texas Instruments REF1925_15 Datasheet HTML 14Page - Texas Instruments REF1925_15 Datasheet HTML 15Page - Texas Instruments REF1925_15 Datasheet HTML 16Page - Texas Instruments REF1925_15 Datasheet HTML 17Page - Texas Instruments REF1925_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
40 mF
10 F
1 k
10 k
100
REF19xx
VIN
EN
GND
VREF
VBIAS
2-Pole High-pass
4-Pole Low-pass
0.1 Hz to 10 Hz Filter
To scope
0.1 F
Time (1 s/div)
C028
Time (1 s/div)
C029
REF1925, REF1930, REF1933, REF1941
SBOS697 – SEPTEMBER 2014
www.ti.com
8.3 Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise is shown in Figure 41 and Figure 42. Device noise increases with output
voltage and operating temperature. Additional filtering can be used to improve output noise levels, although care
must be taken to ensure the output impedance does not degrade ac performance. Peak-to-peak noise
measurement setup is shown in Figure 43.
Figure 41. 0.1-Hz to 10-Hz Noise (VREF)
Figure 42. 0.1-Hz to 10-Hz Noise (VBIAS)
Figure 43. 0.1-Hz to 10-Hz Noise Measurement Setup
14
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: REF1925 REF1930 REF1933 REF1941



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com