Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX770C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX770C/D
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX770C/D Datasheet HTML 10Page - Maxim Integrated Products MAX770C/D Datasheet HTML 11Page - Maxim Integrated Products MAX770C/D Datasheet HTML 12Page - Maxim Integrated Products MAX770C/D Datasheet HTML 13Page - Maxim Integrated Products MAX770C/D Datasheet HTML 14Page - Maxim Integrated Products MAX770C/D Datasheet HTML 15Page - Maxim Integrated Products MAX770C/D Datasheet HTML 16Page - Maxim Integrated Products MAX770C/D Datasheet HTML 17Page - Maxim Integrated Products MAX770C/D Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Use an N-channel FET as the power switch when using
the shunt regulator (see
MAX773 Shunt-Regulator
Operation in the Detailed Description). The shunt-regu-
lator current powers the MAX773 and also provides the
FET gate-drive current, which depends largely on the
FET’s total gate charge at VGS = 5V. To determine the
shunt-resistor value, first determine the maximum shunt
current required.
ISHUNT = ISUPP + IGATE
See
N-Channel MOSFETs in the Power-Transistor
Selection section to determine IGATE.
Determine the shunt-resistor value using the following
equation:
VIN(min) - VSHUNT(max)
RSHUNT(max) = ————————————
ISHUNT
where VSHUNT(max) is 6.3V.
The shunt regulator is not disabled in shutdown
mode, and continues to draw the calculated shunt
current.
If the calculated shunt regulator current exceeds 20mA,
or if the shunt current exceeds 5mA and less shunt reg-
ulator current is desired, use the circuit of Figure 6 to
provide increased drive and reduced shunt current
when driving N-FETs with large gate capacitances.
Select ISHUNT = 3mA. This provides adequate biasing
current for this circuit, although higher shunt currents
can be used.
To prevent the shunt regulator from drawing current in
shutdown mode, place a switch in series with the shunt
resistor.
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
14
______________________________________________________________________________________
MAX773(N)/MAX773(S)
MAX770–MAX773(N)
Fixed Output Available
Higher
Lower
GND to VOUT
2V to 5V (MAX770/MAX771/MAX772),
3V to 5V (MAX773)
MAX770–MAX773(N)
Higher
2V to 16.5V (MAX770/MAX771/MAX772),
(internal feedback resistors)
3V to 16.5V (MAX770/MAX771/MAX772),
(external feedback resistors)
3V to 16.5V (MAX773)
BOOTSTRAPPED*
MAX770/MAX771/MAX772/
MAX773(N)/MAX773(S)
Adjustable Output Available
Lower
Gate-Drive Capacitive Losses
Higher
FET On Resistance
GND to V+
Gate Drive
5V to 16.5V
(MAX770/MAX771/MAX772),
5V and up (MAX773)
Normally Recommended Input
Voltage Range
Lower
No-Load Supply Current
3V to 16.5V
(MAX770/MAX771/MAX772),
3V and up (MAX773)
Possible Input Voltage Range
NON-BOOTSTRAPPED
PARAMETER
Table 1. Bootstrapped vs. Non-Bootstrapped Operation
MAX773
CS
FB
SGND
RSHUNT
N
EXTL
100
Ω
V+
C1
C2
0.1
µF
VIN
L1
20
µH
NPN
2N2222A
R2
R1
D1
VOUT
C4
RSENSE
PNP
2N2907A
3
10
13
12
11
6
EXTH
Figure 6. Increased N-FET Gate Drive when Using the Shunt
Regulator
*MAX773(S) indicates shunt mode; MAX773(N) indicates NOT in shunt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com