Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX765C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX765C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX765C/D Datasheet HTML 4Page - Maxim Integrated Products MAX765C/D Datasheet HTML 5Page - Maxim Integrated Products MAX765C/D Datasheet HTML 6Page - Maxim Integrated Products MAX765C/D Datasheet HTML 7Page - Maxim Integrated Products MAX765C/D Datasheet HTML 8Page - Maxim Integrated Products MAX765C/D Datasheet HTML 9Page - Maxim Integrated Products MAX765C/D Datasheet HTML 10Page - Maxim Integrated Products MAX765C/D Datasheet HTML 11Page - Maxim Integrated Products MAX765C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
_Ordering Information (continued)
___________________Chip Topography
GND
V+
V+
OUT
FB
SHDN
REF
LX
0.145"
(3683
µm)
0.080"
(2032
µm)
TRANSISTOR COUNT: 443
SUBSTRATE CONNECTED TO V+
PART
MAX766CPA
MAX766CSA
MAX766C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX766EPA
MAX766ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX766MJA
-55°C to +125°C
8 CERDIP**
* Dice are tested at TA = +25°C, DC parameters only.
**Contact factory for availability and processing to MIL-STD-883.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com