Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX910 Datasheet(PDF) 43 Page - CML Microcircuits

Part # CMX910
Description  Flexible Signal Channels
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX910 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button CMX910 Datasheet HTML 39Page - CML Microcircuits CMX910 Datasheet HTML 40Page - CML Microcircuits CMX910 Datasheet HTML 41Page - CML Microcircuits CMX910 Datasheet HTML 42Page - CML Microcircuits CMX910 Datasheet HTML 43Page - CML Microcircuits CMX910 Datasheet HTML 44Page - CML Microcircuits CMX910 Datasheet HTML 45Page - CML Microcircuits CMX910 Datasheet HTML 46Page - CML Microcircuits CMX910 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
AIS Baseband Processor
CMX910
© 2009 CML Microsystems Plc
43
D/910/6
DAC0 data register: 16-bit write only.
C-BUS Address $70
DAC1 data register: 16-bit write only.
C-BUS Address $71
DAC2 data register: 16-bit write only.
C-BUS Address $72
DAC3 data register: 16-bit write only.
C-BUS Address $73
DAC4 data register: 16-bit write only.
C-BUS Address $74
All bits cleared to 0 on reset.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
$70:
Reserved, set to 000000
DAC0 data (written by C-BUS, or from DAC RAM in ramp mode)
$71:
Reserved, set to 000000
DAC1 data
$72:
Reserved, set to 000000
DAC2 data
$73:
Reserved, set to 000000
DAC3 data
$74:
Reserved, set to 000000
DAC4 data
DAC_Control register: 8-bit write only.
C-BUS Address $75
All bits cleared to 0 on reset.
Bit:
7
6
5
4
3
2
1
0
DAC
RAM
Load
C-BUS
Ramp
Control
DAC0
Ramp
Mode
En
DAC4
En
DAC3
En
DAC2
En
DAC1
En
DAC0
DAC_Control register b7: DAC RAM Load
Setting b7 = 1 to this bit causes DAC0 to immediately enter DAC RAM load mode, causing the
internal DAC RAM address pointer to be reset to 0. The DAC RAM can then be loaded by
repeatedly writing data to the C-BUS DAC_RAM_Load register. While in DAC RAM load mode,
any attempt to write directly to the DAC0 data register will be ignored, as will any attempt to
initiate a ramp-up or ramp-down sequence (whether issued automatically by the CMX910 or from
the C-BUS). As soon as the µC has finished loading the DAC RAM, DAC_Control register b7 can
be taken low again.
DAC_Control register b6: C-BUS Ramp Control
If DAC0 is in ramp mode, the state of this register bit determines how the ramp-up and ramp-
down functions are controlled: b6 = 0 for automatic control by the CMX910, b6 = 1 for control via
the C-BUS commands DAC0_Rampup and DAC0_Rampdown.
DAC_Control register b5: DAC0 Ramp Mode
Setting DAC_Control b5 = 1 at the same time as DAC_Control b7 = 0 puts DAC0 into ramp mode.
The internal DAC RAM address pointer immediately gets reset to 0, an initial read of the DAC
RAM is performed and the resulting data is transferred to the DAC0 data register. The circuit then
responds to any subsequent ramp-up and ramp-down commands. While in ramp mode, any
attempt to write directly to the DAC0 data register will be ignored, as will any attempt to write to
the DAC RAM using the DAC_RAM_Load register.
Note: if both DAC_Control b7 = 0 and b5 = 0, the µC is able to write directly to the DAC0 data
register, and any ramp-up or ramp-down commands or attempts to write to the DAC RAM will be
ignored:
b7
b6
b5
0
x
0
DAC0 data register can be written directly by µC
0
0
1
DAC0 in ramp mode, automatically controlled by the CMX910
0
1
1
DAC0 in ramp mode, controlled by the µC
1
x
x
DAC0 in DAC RAM load mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com