Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX971 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX971
Description  Small 16-lead VQFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX971 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX971 Datasheet HTML 17Page - CML Microcircuits CMX971 Datasheet HTML 18Page - CML Microcircuits CMX971 Datasheet HTML 19Page - CML Microcircuits CMX971 Datasheet HTML 20Page - CML Microcircuits CMX971 Datasheet HTML 21Page - CML Microcircuits CMX971 Datasheet HTML 22Page - CML Microcircuits CMX971 Datasheet HTML 23Page - CML Microcircuits CMX971 Datasheet HTML 24Page - CML Microcircuits CMX971 Datasheet HTML 25Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Quadrature Modulator
CMX971
 2015 CML Microsystems Plc
21
D/971/4
9
Performance Specification
9.1
Electrical Performance
9.1.1
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS), (VCC - VRFGND) or (VCC – VLOGND)
-0.3
+4.0
V
Voltage on any pin to VRFGND, VSS or VLOGND
-0.3
VDD + 0.3
V
Voltage between VSS, VRFGND and VLOGND
-50
+50
mV
Current into or out of RFGND, VSS, LOGND,
VCC or VDD pins
-75
+75
mA
Current into or out of any other pin
-30
+30
mA
Q7 Package
Min.
Max.
Units
Total Allowable Power Dissipation at TAMB = 25°C
–
2060
mW
... Derating (see Note below)
–
20.6
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Note: Junction-to-ambient thermal resistance is dependent on board layout and mounting
arrangements. The derating factor stated will be better than this with good connection between the
device and a ground plane or heat sink.
9.1.2
Operating Limits
Notes
Min.
Max.
Units
Analogue Supply (VCC – VRFGND)
3.0
3.6
V
Digital Supply (VDD – VSS)
3.0
3.6
V
Operating Temperature (see Note above)
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com