Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786RCAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX786RCAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786RCAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX786RCAI Datasheet HTML 1Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 2Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 3Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 4Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 5Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 6Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 7Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 8Page - Maxim Integrated Products MAX786RCAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
4
_______________________________________________________________________________________
________________________________________________Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. +5V OUTPUT
CURRENT, 300kHz
50
60
70
80
90
100
1m
10m
100m
1
10
+5V OUTPUT CURRENT (A)
VIN = 6V
VIN = 15V
VIN = 30V
+3.3V OFF
EFFICIENCY vs. +3.3V OUTPUT
CURRENT, 200kHz
50
60
70
80
90
100
1m
10m
100m
1
10
+3.3V OUTPUT CURRENT (A)
VIN = 6V
VIN = 15V
VIN = 30V
SYNC = 0V, +5V ON
EFFICIENCY vs. +3.3V OUTPUT
CURRENT, 300kHz
50
60
70
80
90
100
1m
10m
100m
1
10
+3.3V OUTPUT CURRENT (A)
VIN = 6V
VIN = 15V
VIN = 30V
+5V ON
SHUTDOWN SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
100
200
300
400
500
0
6
12
18
24
30
SUPPLY VOLTAGE (V)
SHDN = 0V
QUIESCENT SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
1
2
18
19
0
6
12
18
24
30
SUPPLY VOLTAGE (V)
ON3 = ON5 = HIGH
STANDBY SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
0
6
12
18
24
30
ON3 = ON5 = 0V
SUPPLY VOLTAGE (V)
MINIMUM VIN TO VOUT DIFFERENTIAL
vs. +5V OUTPUT CURRENT
+5V OUTPUT CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
300kHz
200kHz
+5V OUTPUT
STILL REGULATING
EFFICIENCY vs. +5V OUTPUT
CURRENT, 200kHz
50
60
70
80
90
100
1m
10m
100m
1
10
+5V OUTPUT CURRENT (A)
VIN = 6V
VIN = 30V
VIN = 15V
SYNC = 0V, +3.3V OFF
1000
0.1
100
µ
10m
1
SWITCHING FREQUENCY vs.
LOAD CURRENT
10
LOAD CURRENT (A)
100
1m
100m
SYNC = REF (300kHz)
ON3 = ON5 = 5V
+5V, VIN = 7.5V
1
+5V, VIN = 30V
+3.3V, VIN = 7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com