Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX786C/D
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX786C/D Datasheet HTML 10Page - Maxim Integrated Products MAX786C/D Datasheet HTML 11Page - Maxim Integrated Products MAX786C/D Datasheet HTML 12Page - Maxim Integrated Products MAX786C/D Datasheet HTML 13Page - Maxim Integrated Products MAX786C/D Datasheet HTML 14Page - Maxim Integrated Products MAX786C/D Datasheet HTML 15Page - Maxim Integrated Products MAX786C/D Datasheet HTML 16Page - Maxim Integrated Products MAX786C/D Datasheet HTML 17Page - Maxim Integrated Products MAX786C/D Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
14
______________________________________________________________________________________
VIN(MAX), the maximum input (battery) voltage. This
value should include the worst-case conditions under
which the power supply is expected to function, such
as no-load (standby) operation when a battery charger
is connected but no battery is installed. VIN(MAX) cannot
exceed 30V.
VIN(MIN), the minimum input (battery) voltage. This
value should be taken at the full-load operating cur-
rent under the lowest battery conditions. If VIN(MIN) is
below about 6.5V, the filter capacitance required to
maintain good AC load regulation increases, and the
current limit for the +5V supply has to be increased
for the same load level.
Inductor (L1, L2)
Three inductor parameters are required: the inductance
value (L), the peak inductor current (ILPEAK), and the
coil resistance (RL). The inductance is:
(VOUT) (VIN(MAX) - VOUT)
L = ————————————
(VIN(MAX)) (f) (IOUT) (LIR)
where:
VOUT = output voltage (3.3V or 5V);
VIN(MAX) = maximum input voltage (V);
f = switching frequency, normally 300kHz;
IOUT = maximum DC load current (A);
LIR = ratio of inductor peak-to-peak AC
current to average DC load current, typically 0.3.
A higher value of LIR allows smaller inductance, but
results in higher losses and higher ripple.
The highest peak inductor current (ILPEAK) equals the DC
load current (IOUT) plus half the peak-to-peak AC inductor
current (ILPP). The peak-to-peak AC inductor current is
typically chosen as 30% of the maximum DC load cur-
rent, so the peak inductor current is 1.15 times IOUT.
The peak inductor current at full load is given by:
(VOUT) (VIN(MAX) - VOUT)
ILPEAK = IOUT + —————————————.
(2) (f) (L) (VIN(MAX))
The coil resistance should be as low as possible,
preferably in the low milliohms. The coil is effectively in
series with the load at all times, so the wire losses alone
are approximately:
Power loss = (IOUT2) (RL).
In general, select a standard inductor that meets the L,
ILPEAK, and RL requirements (see Tables 1 and 2). If a
standard inductor is unavailable, choose a core with an
LI2 parameter greater than (L) (ILPEAK2), and use the
largest wire that will fit the core.
Current-Sense Resistors (R1, R2)
The sense resistors must carry the peak current in the
inductor, which exceeds the full DC load current. The
internal current limiting starts when the voltage across
the sense resistors exceeds 100mV nominally, 80mV
minimum. Use the minimum value to ensure adequate
output current capability: For the +3.3V supply, R1 =
80mV / (1.15 x IOUT); for the +5V supply, R2 =
80mV/(1.15 x IOUT), assuming that LIR = 0.3.
Since the sense resistance values (e.g., R1 = 25m
Ω for
IOUT = 3A) are similar to a few centimeters of narrow
traces on a printed circuit board, trace resistance can
contribute significant errors. To prevent this, Kelvin con-
nect the CS_ and FB_ pins to the sense resistors; i.e.,
use separate traces not carrying any of the inductor or
load current, as shown in Figure 5.
Run these traces parallel at minimum spacing from one
another. The wiring layout for these traces is critical for
stable, low-ripple outputs (see the
Layout and
Grounding section).
MOSFET Switches (N1-N4)
The four N-channel power MOSFETs are usually iden-
tical and must be “logic-level” FETs; that is, they must
be fully on (have low rDS(ON)) with only 4V gate-
source drive voltage. The MOSFET rDS(ON) should
ideally be about twice the value of the sense resistor.
MOSFETs with even lower rDS(ON) have higher gate
capacitance, which increases switching time and
transition losses.
MOSFETs with low gate-threshold voltage specifica-
tions (i.e., maximum VGS(TH) = 2V rather than 3V) are
preferred, especially for high-current (5A) applications.
Output Filter Capacitors (C6, C7, C12)
The output filter capacitors determine the loop stability
and output ripple voltage. To ensure stability, the mini-
mum capacitance and maximum ESR values are:
VREF
CF > —————————————
(VOUT) (RCS) (2) (π) (GBWP)
and,
(VOUT) (RCS)
ESRCF < ——————
VREF
where:
CF = output filter capacitance (F);
VREF = reference voltage, 3.3V;
VOUT = output voltage, 3.3V or 5V;
RCS = sense resistor (Ω);
GBWP = gain-bandwidth product, 60kHz;
ESRCF = output filter capacitor ESR (Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com