Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMX8341 Datasheet(PDF) 21 Page - CML Microcircuits

Part # CMX8341
Description  RALCWI Vocoder
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX8341 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button CMX8341 Datasheet HTML 17Page - CML Microcircuits CMX8341 Datasheet HTML 18Page - CML Microcircuits CMX8341 Datasheet HTML 19Page - CML Microcircuits CMX8341 Datasheet HTML 20Page - CML Microcircuits CMX8341 Datasheet HTML 21Page - CML Microcircuits CMX8341 Datasheet HTML 22Page - CML Microcircuits CMX8341 Datasheet HTML 23Page - CML Microcircuits CMX8341 Datasheet HTML 24Page - CML Microcircuits CMX8341 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Digital PMR (dPMR) Baseband Processor
CMX8341
 2014 CML Microsystems Plc
21
D/8341/7
0 ≤│f │ < (1 - α) / 2T
│H( f )│= cos[(T / 4α)(2π│f │-π( 1 - α)/ T]
(1 + α) / 2T ≤│f │
(1 - α) / 2T ≤│f │ < (1 + α) / 2T
,
,
,
1
0
α = 0.2
T = 1/2400
*Tx Baseband Filter
Frequency
Modulator
4FSK
Output
Information
bits input
H(f )
Filter
4 FSK Deviation
Di-bit
Symbol
Deviation
012
+3
+1 050Hz
+350Hz
-350Hz
-1050Hz
+1
-1
-3
002
102
112
*Rx Baseband Filter
Frequency
Demod
FM IF
signal
H(f )
Filter
D(f )
Filter
Information
bits output
0 ≤│f │ < (1 - α) / 2T
│H( f )│= cos[(T / 4α)(2π│f │-π( 1 - α)/ T]
(1 + α) / 2T ≤│f │
(1 - α) / 2T ≤│f │ < (1 + α) / 2T
,
,
,
1
0
│D( f )│=
sin (π f T)
π f T
α = 0.2
T = 1/2400
Figure 9 dPMR Modulation Characteristics
6.2
Internal Data Processing
The CMX8341 operates as a half-duplex device, either receiving signals from the RF circuits in Rx mode,
or sourcing signals to the RF circuits in Tx mode. It also has a low power Idle mode to support battery
saving protocols. The internal data processing blocks for Tx and Rx modes are illustrated in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com