Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX780BENG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX780BENG
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780BENG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX780BENG Datasheet HTML 1Page - Maxim Integrated Products MAX780BENG Datasheet HTML 2Page - Maxim Integrated Products MAX780BENG Datasheet HTML 3Page - Maxim Integrated Products MAX780BENG Datasheet HTML 4Page - Maxim Integrated Products MAX780BENG Datasheet HTML 5Page - Maxim Integrated Products MAX780BENG Datasheet HTML 6Page - Maxim Integrated Products MAX780BENG Datasheet HTML 7Page - Maxim Integrated Products MAX780BENG Datasheet HTML 8Page - Maxim Integrated Products MAX780BENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Dual-Slot PCMCIA Analog Power Controller
_______________________________________________________________________________________
5
________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
C2
2
1
C1
3
WR
4, 5
2, 3
Logic inputs that control the voltage on AVPP.
6, 7
4, 5
Logic inputs that control the voltage on BVPP.
8, 9
6, 7
Logic inputs that control the state of the MOSFET gate drivers ADRV3 and ADRV5.
10, 11
8, 9
Logic inputs that control the state of the MOSFET gate drivers BDRV3 and BDRV5.
12, 13
10, 11
BDRV5,
BDRV3
14, 15
12, 13
ADRV5,
ADRV3
16
BGPI
17
AGPI
18
14
SHDN
15
N.C.
No connect. Not internally connected.
19
REF
1.25V reference voltage output (MAX780A and MAX780C only). Make no connection to
this pin for MAX780B.)
20
16
BVPP
Switched output that provides 0V, 5V, or 12V to the VPP pins of slot B.
21
17
AVPP
Switched output that provides 0V, 5V, or 12V to the VPP pins of slot A.
22
18
VCCIN
+5V power input
23
19
VPPIN
+12V power input. VPPIN can have 0V or 5V applied as long as VCCIN = 5V.
24
20
GND
Ground
MAX780A/B/C
Pin-strap input that selects edge-triggered register or direct digital inputs. Tying C2 to
VCCIN makes the logic inputs edge triggered; inputs to pins 4-11 are clocked in on the
rising edge of
WR. Tying C2 to GND allows control signals to be directly applied to the
logic inputs on pins 4-11. Connect to GND for MAX780C.
Pin-strap input that selects one of two logic decode modes for the digital inputs. See Tables 1-3.
Logic-level power-ready output that stays low as long as BVPP is greater than 11.05V
(MAX780A and MAX780C only). Make no connection to this pin for MAX780B.
Logic-level power-ready output that stays low as long as AVPP is greater than 11.05V
(MAX780A and MAX780C only). Make no connection to this pin for MAX780B.
Logic input that shuts the MAX780 down to a low supply-current state when brought
low. Asserting
SHDN forces ADRV3, BDRV3, ADRV5, BDRV5, REF, AGPI, and BGPI
low. All VPP inputs and outputs are functional for either state of SHDN. Program AVPP
and BVPP to 0V for lowest power consumption.
Write pulse input. When C2 is tied to VCCIN, a rising edge on
WR clocks in the VCC
and VPP enables. When C2 is tied to GND, inputs to WR have no effect. Connect to
GND for MAX780C.
AVCC1,
AVCC0
BVCC1,
BVCC0
AVPP1,
AVPP0
BVPP1,
BVPP0
Open-drain gate driver outputs that control the MOSFETs that switch the VCC pin of slot
B to 0V, 3.0V/3.3V, or 5V.
MAX780D
Open-drain gate driver outputs that control the MOSFETs that switch the VCC pin of slot
A to 0V, 3.0V/3.3V, or 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com