Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX786SEAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX786SEAI
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786SEAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX786SEAI Datasheet HTML 1Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 2Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 3Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 4Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 5Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 6Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 7Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 8Page - Maxim Integrated Products MAX786SEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
_________________________________________________________________________________________________
3
Note 1: Since the reference uses VL as its supply, its V+ line regulation error is insignificant.
Note 2: The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according
to the closed-loop gain (AVCL) and the reference voltage load-regulation error. AVCL for the +3.3V supply is unity gain.
AVCL for the +5V supply is 1.54.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Q1, Q2 Source Current
VH = 15V, VOUT = 2.5V
12
20
30
µA
Q1, Q2 Sink Current
VH = 15V, VOUT = 2.5V
200
500
1000
µA
Q1, Q2 Output High Voltage
ISOURCE = 5µA, VH = 3V
VH -0 .5
V
Q1, Q2 Output Low Voltage
ISINK = 20µA, VH = 3V
0.4
V
Quiescent VH Current
VH = 18V, D1 = D2 = 5V, no external load
4
10
µA
OSCILLATOR AND INPUTS/OUTPUTS
Oscillator Frequency
SYNC = 3.3V
270
300
330
kHz
SYNC = 0V, 5V
170
200
230
SYNC High Pulse Width
200
ns
SYNC Low Pulse Width
200
ns
SYNC Rise/Fall Time
Not tested
200
ns
Oscillator SYNC Range
240
350
kHz
Maximum Duty Cycle
SYNC = 3.3V
89
92
%
SYNC = 0V or 5V
92
95
Input Low Voltage
SHDN, ON3, ON5, SYNC
0.8
V
Input High Voltage
SHDN, ON3, ON5
2.4
V
SYNC
VL -0 .5
Input Current
SHDN, ON3, ON5 VIN = 0V, 5V
±1
µA
DL3/DL5 Sink/Source Current
VOUT = 2V
1
A
DH3/DH5 Sink/Source Current
BST3-LX3 = BST5-LX5 = 4.5V, VOUT = 2V
1
A
DL3/DL5 On-Resistance
High or low
7
Ω
DH3/DH5 On-Resistance
High or low, BST3-LX3 = BST5-LX5 = 4.5V
7
Ω
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, SHDN = ON3 = ON5 = 5V, other digital input levels are 0V or +5V,
TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com