Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5010ST Datasheet(PDF) 1 Page - International Rectifier

Part # OM5010ST
Description  12 Amp, 800 & 1000 Volts, 50 nsec trr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5010ST Datasheet(HTML) 1 Page - International Rectifier

  OM5010ST Datasheet HTML 1Page - International Rectifier OM5010ST Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 39
3.2
4 11 R0
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY,
SOFT RECOVERY RECTIFIER
FEATURES
• Small Size
• Ultra Fast Recovery
• Soft Recovery Behavior
• Extremely Low Losses At High Switching Speeds
• Low I
RM Rating
• Hermetic And Isolated Package
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This soft recovery, high speed rectifier is ideally suited for high performance in high
voltage switching applications. The performance of this rectifier minimizes losses in
power conversion and motor control circuits complementing the switching
characteristics of power MOSFETs, IGBTs, and bipolar transistors.
ABSOLUTE MAXIMUM RATINGS T
C = 25°C
Peak Inverse Voltage.................................................. 800 & 1000 V
Maximum Average D.C. Output Current @ T
C = 100°C .......................... 12 A
Surge Current (Non-Repetitve 8.3 nsec) ........................................ 70 A
Thermal Resistance, Junction-To-Case..................................... 2.0° C/W
Operating and Storage Temperature Range......................... -55°C to +150°C
12 Amp, 800 & 1000 Volts, 50 nsec trr
OM5010ST
OM5011ST
.045
.035
.430
.410
.200
.190
.038 MAX.
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.200 TYP.
.045
.035
.005
Cathode
Anode


Similar Part No. - OM5010ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5010ST ETC1-OM5010ST Datasheet
23Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY RECTIFIER
OM5010ST ETC2-OM5010ST Datasheet
23Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY SOFT RECOVERY RECTIFIER
More results

Similar Description - OM5010ST

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR1210UF SSDI-SDR1210UF Datasheet
218Kb / 2P
12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
SDR958M SSDI-SDR958M Datasheet
231Kb / 2P
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958 SSDI-SDR958 Datasheet
213Kb / 2P
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958-3 SSDI-SDR958-3 Datasheet
211Kb / 2P
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR958N SSDI-SDR958N Datasheet
228Kb / 2P
50 AMP 800 -1100 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR958 SSDI-SDR958_1 Datasheet
106Kb / 3P
50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
logo
International Rectifier
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
14 Amp, 400 & 600 Volts, 35 nsec trr
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com