Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5209SC Datasheet(PDF) 2 Page - International Rectifier

Part # OM5209SC
Description  15 Amp, 50 To 400 Volts, 35 To 50 ns trr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5209SC Datasheet(HTML) 2 Page - International Rectifier

  OM5209SC Datasheet HTML 1Page - International Rectifier OM5209SC Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5209SC - OM5213SC
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum
Maximum
Maximum
Maximum
Type
PIV
Forward
Reverse
Reverse
Thermal
Voltage (1)
Current
Recovery
Resist.
T
j = 25° C
T
j = 100° C
T
j = 25° C
T
j = 100° C
Time (2)
Rq
q
JC
OM5209SC
50
OM5210SC
100
1.2V @ 15A
1.00V @ 15A
20 µA
1.0 mA
35 nsec
2.0
OM5211SC
150
OM5212SC
200
OM5213SC
400 1.45V @ 15A 1.25V @ 15A
20 µA
1.0 mA
50 nsec
1.8
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
(2) Measured in Circuit: I
F = 0.5 A, IR = 1.0 A, IREC = 0.25 A
MECHANICAL OUTLINE
.100 TYP.
.140 TYP.
.035
.025
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.550
.530
.270
.240
.045
.035
.092 MAX.
.005
100
50
30
20
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50 V TO 200 V
TYPICAL FORWARD VOLTAGE
OM5209, 5210, 5211, 5212, 5213
T
J = 150°C
TYPICAL REVERSE CURRENT
OM5209, 5210, 5211, 5212, 5213
V
R = REVERSE VOLTAGE (VOLTS)
25°C
100°C
V
F = REVERSE VOLTAGE (VOLTS)
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
25°C
100°C
T
J = 150°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com