Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX614 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX614
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX614 Datasheet(HTML) 1 Page - CML Microcircuits

  FX614 Datasheet HTML 1Page - CML Microcircuits FX614 Datasheet HTML 2Page - CML Microcircuits FX614 Datasheet HTML 3Page - CML Microcircuits FX614 Datasheet HTML 4Page - CML Microcircuits FX614 Datasheet HTML 5Page - CML Microcircuits FX614 Datasheet HTML 6Page - CML Microcircuits FX614 Datasheet HTML 7Page - CML Microcircuits FX614 Datasheet HTML 8Page - CML Microcircuits FX614 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CML Semiconductor Products
Bell 202 Compatible Modem
FX614
© 1997 Consumer Microcircuits Limited
D/614/4 October 1997
Advance Information
1.0
Features
•• 1200bits/sec 1/2 Duplex Bell 202 compatible Modem with:
•• Optional 5bits/sec and
150bits/sec Back Channel
•• Optional 1200bits/sec Data
Retiming Facility
•• 3.0 to 5.5V Supply; 1.0mA at 3V
'Zero-Power' Mode; 1
µµA
•• Optional Line Equalisation
•• -40°C to +85°C Operating
Temperature
•• 16-pin SOIC and DIL Packages
•• 3.58MHz Xtal/Clock Rate
1.1
Brief Description
The FX614 is a low power CMOS integrated circuit for the reception or transmission of asynchronous
1200bits/sec data and is suitable for use in Bell 202 type systems. It is also capable of generating the
5bits/sec or 150bits/sec 'back channel'.
The device incorporates an optional Tx and Rx data retiming function that removes the need for a UART in the
associated
µC when operating at 1200bits/sec. An optional line equaliser is incorporated into the receive path,
this is controlled by an external logic level.
The FX614 may be used in a wide range of telephone telemetry systems. With a low operating voltage of
3.0V, a very low current 'sleep' mode (1
µA) and an operating current of 1mA the device is ideal for portable,
terminal and line powered applications. A 3.58MHz standard Xtal/Clock rate is required and the device
operates from a 3.0V to 5.5V supply. Both SOIC (D4) and Plastic DIL (P3) 16-pin package types are available.


Similar Part No. - FX614

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX6-100P-0.8SV HIROSE-FX6-100P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV1 HIROSE-FX6-100P-0.8SV1 Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV2 HIROSE-FX6-100P-0.8SV2 Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100S-0.8SV HIROSE-FX6-100S-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
0.8mm Pitch Stacking Height 5 to 9mm Connector
More results

Similar Description - FX614

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EXM1S MACOM-3EXM1S Datasheet
308Kb / 8P
Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
Molex Electronics Ltd.
43640-0200 MOLEX-43640-0200 Datasheet
220Kb / 2P
MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS
03-06-1091 MOLEX1-03-06-1091 Datasheet
111Kb / 2P
OPTIONAL MOUNTING EARS
logo
CML Microcircuits
FX604 CMLMICRO-FX604 Datasheet
338Kb / 17P
Optional Line Equalisation
logo
ON Semiconductor
NMFAAAA ONSEMI-NMFAAAA Datasheet
60Kb / 10P
Optional Internal Switch
March, 2004 ??Rev. P0
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
Connector types optional
logo
Golledge Electronics Lt...
MCSO1ESW GOLLEDGE-MCSO1ESW Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ESV GOLLEDGE-MCSO1ESV Datasheet
552Kb / 4P
Optional tinned pads
MCSO1ES GOLLEDGE-MCSO1ES Datasheet
551Kb / 4P
Optional tinned pads
logo
Maxim Integrated Produc...
MAX4223EVKIT MAXIM-MAX4223EVKIT Datasheet
55Kb / 4P
Optional Adjustable Gain
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com