Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG612APBF Datasheet(PDF) 6 Page - International Rectifier

Part # PVG612APBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612APBF Datasheet(HTML) 6 Page - International Rectifier

  PVG612APBF Datasheet HTML 1Page - International Rectifier PVG612APBF Datasheet HTML 2Page - International Rectifier PVG612APBF Datasheet HTML 3Page - International Rectifier PVG612APBF Datasheet HTML 4Page - International Rectifier PVG612APBF Datasheet HTML 5Page - International Rectifier PVG612APBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 04, 2015
Series PVG612APbF
†
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release
Date
Comments
• Added Qualification Information Table on page 6
• Updated data sheet with new IR corporate template
Revision History
5/4/2015
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
Data and specifications subject to change without notice
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
PVG612APbF
N/A
PVG612ASPbF
MSL4
PVG612AS-TPbF (per JEDEC J-STD-020E & JEDEC J-STD-033C ††)
RoHS compliant
Yes
Qualification information†
Qualification level
Industrial
(per JEDEC JESD47I
†† guidelines)
Moisture Sensitivity
Level



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com