Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG612PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVG612PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612PBF Datasheet(HTML) 1 Page - International Rectifier

  PVG612PBF Datasheet HTML 1Page - International Rectifier PVG612PBF Datasheet HTML 2Page - International Rectifier PVG612PBF Datasheet HTML 3Page - International Rectifier PVG612PBF Datasheet HTML 4Page - International Rectifier PVG612PBF Datasheet HTML 5Page - International Rectifier PVG612PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The PVG612 Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can
replace electromechanical relays in many
applications. It utilizes International Rectifier’s
proprietary HEXFET power MOSFET as the output
switch, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch
is controlled by radiation from a GaAlAs light
emitting diode (LED) which is optically isolated
from the photovoltaic generator.
These units exceed the performance capabilities of
electromechanical relays in operating life, sensitivity,
stability of on-resistance, miniaturization, insensitivity
to magnetic fields and ruggedess. The compact
PVG612 is particularly suited for isolated switching
of high currents from 12 to 48 Volt AC or DC power
sources.
Series PVG612 Relays are packaged in a 6-pin,
molded DIP package with either thru-hole or
surface mount (gull-wing) terminals. It is available
in standard plastic shipping tubes or on tape-and-
reel. Please refer to Part Identification information
opposite.
Features
Bounce-free operation
High load current capacity
High off-state resistance
Linear AC/DC operation
4,000 V
RMS I/O Isolation
Solid-State reliability
UL recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
Applications
Programmable Logic Controllers
Computers and Peripheral Devices
Audio Equipment
Power Supplies and Power Distribution
Control of Displays and Indicators
Industrial Automation
Part Identification
PVG612PbF
thru-hole
PVG612SPbF
surface-mount
PVG612S-TPbF
surface-mount, tape
and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 04, 2015
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single-Pole, Normally-Open, 0-60V, 1.0A AC / 2.0A DC
Series PVG612PbF


Similar Part No. - PVG612PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG612PBF IRF-PVG612PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
More results

Similar Description - PVG612PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
Bounce-Free Operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
Bounce-Free Operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
Bounce-Free Operation
PVDZ172NPBF IRF-PVDZ172NPBF_15 Datasheet
199Kb / 6P
Bounce-Free Operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
Bounce-free operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
Bounce-free operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com