Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVN013PBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVN013PBF
Description  Extremely low off-state leakage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN013PBF Datasheet(HTML) 4 Page - International Rectifier

  PVN013PBF_15 Datasheet HTML 1Page - International Rectifier PVN013PBF_15 Datasheet HTML 2Page - International Rectifier PVN013PBF_15 Datasheet HTML 3Page - International Rectifier PVN013PBF_15 Datasheet HTML 4Page - International Rectifier PVN013PBF_15 Datasheet HTML 5Page - International Rectifier PVN013PBF_15 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series PVN013PbF
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 12, 2015
90%
10%
I
ILED
D
tdly
ton
toff
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
20
10
5
3
toff
tdly
ton
0.1
0.2
0.5
1.0
2.0
5.0
0.05
Ambient Temperature (deg. C)
-35
-15
5
25
4565
85105
100
30
10
3.0
1.0
0.3
0.1
16
20
12
8
4
0
CAUTION: provide current
limiting so that 25mA
maximum steady state
control current rating is
not exceeded.
00000
0.5
0.5
0.5
0.5
0.5
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
Figure 5. Typical Normalized Off-State
Figure 6. Input Characteristics
(Current Controlled)
Leakage
Delay Time (milliseconds)
LED Forward Voltage Drop (Volts DC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com