Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT212PBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVT212PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT212PBF Datasheet(HTML) 3 Page - International Rectifier

  PVT212PBF Datasheet HTML 1Page - International Rectifier PVT212PBF Datasheet HTML 2Page - International Rectifier PVT212PBF Datasheet HTML 3Page - International Rectifier PVT212PBF Datasheet HTML 4Page - International Rectifier PVT212PBF Datasheet HTML 5Page - International Rectifier PVT212PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series PVT212PbF
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 18, 2015
Figure 2. Typical On Characteristics
Ambient Temperature (oC)
Figure 4. Typical Normalized Off-State Leakage
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Voltage Drop (VDD)
I LED = 5mA
10mS Pulsed, 25C
“A” Connection
Ambient Temperature (C)
Figure 1. Typical Current Derating Curves
0
100
200
300
400
500
600
700
0
2040
6080
100
ILED=3mA
ILED= 5mA
“A” Connection
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VDD (Volts) Ambient
Figure 3. Typical On-Characteristics
I LED = 5mA
10mS - Pulsed, 25ºC
25ºC
40ºC
60ºC
85ºC
“A” Connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com