Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412APBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT412APBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412APBF Datasheet(HTML) 1 Page - International Rectifier

  PVT412APBF Datasheet HTML 1Page - International Rectifier PVT412APBF Datasheet HTML 2Page - International Rectifier PVT412APBF Datasheet HTML 3Page - International Rectifier PVT412APBF Datasheet HTML 4Page - International Rectifier PVT412APBF Datasheet HTML 5Page - International Rectifier PVT412APBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The PVT412A Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It
utilizes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
These SSRs are specifically designed for industrial
control and peripheral telecom applications.
Series PVT412A Relays are packaged in a 6-lead
molded DIP package with either thru-hole or surface
mount (‘gull-wing’) terminals. It is available in
standard plastic shipping tubes or on tape-and-reel.
Please refer to part identification information
.
Applications
Control of AC power line
(up to 240 VAC) industrial loads
Control of DC industrial loads
up to +/-300 VDC
On/Off hook switch
Dial-pulse generation
Part Identification
PVT412APbF
thru-hole
PVT412ASPbF
surface-mount
PVT412AS-TPbF surface-mount, Tape and Reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 VRMS I/O isolation
Very low on-resistance (RDD-ON)
Linear AC/DC operation
Solid-State Reliability
UL Recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
Series PVT412APbF


Similar Part No. - PVT412APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
More results

Similar Description - PVT412APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
Bounce-Free Operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
Bounce-Free Operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
Bounce-Free Operation
PVDZ172NPBF IRF-PVDZ172NPBF_15 Datasheet
199Kb / 6P
Bounce-Free Operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
Bounce-free operation
PVG612PBF IRF-PVG612PBF_15 Datasheet
215Kb / 6P
Bounce-free operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
Bounce-free operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com