Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT412PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT412PBF
Description  Bounce-free operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT412PBF Datasheet(HTML) 1 Page - International Rectifier

  PVT412PBF Datasheet HTML 1Page - International Rectifier PVT412PBF Datasheet HTML 2Page - International Rectifier PVT412PBF Datasheet HTML 3Page - International Rectifier PVT412PBF Datasheet HTML 4Page - International Rectifier PVT412PBF Datasheet HTML 5Page - International Rectifier PVT412PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The PVT412 Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It
utilizes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by
radiation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
These SSRs are specifically designed for worldwide
telecom applications. PVT412L employs an active
current-limiting circuitry enabling it to pass FCC Part
68 and other regulatory agency current surge
requirements when overvoltage protection is
provided. PVT412 does not employ the current-
limiting circuitry and offers lower on-state resistance.
Series PVT412 Relays are packaged in a 6-lead
molded DIP package with either thru-hole or surface
mount (‘gull-wing’) terminals. It is available in
standard plastic shipping tubes or on tape-and-reel.
Please refer to part identification information
opposite.
Applications
On/Off Hook switch
Dial-Out relay
Ring relay
General switching
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVT412LPbF
current limit, thru-hole
PVT412LSPbF
current limit, surface-mount
PVT412LS-TPbF
current limit, surface-mount,
tape and reel
PVT412PbF
no current limit, thru-hole
PVT412SPbF
no current limit, surface-mount
PVT412S-TPbF
no current limit, surface-mount
tape and reel
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 V
RMS I/O isolation
Load current limiting
Linear AC/DC operation
Solid-State Reliability
UL recognized and BABT certified;
ESD Tolerance:
4000V Human Body Model
500V Machine Model
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single-Pole, Normally-Open, 0-400V, 140mA AC/DC
Series PVT412PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 18, 2015


Similar Part No. - PVT412PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results

Similar Description - PVT412PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
Bounce-Free Operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
Bounce-Free Operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
Bounce-Free Operation
PVDZ172NPBF IRF-PVDZ172NPBF_15 Datasheet
199Kb / 6P
Bounce-Free Operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
Bounce-free operation
PVG612PBF IRF-PVG612PBF_15 Datasheet
215Kb / 6P
Bounce-free operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
Bounce-free operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com